Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

55506151 Datasheet (PDF) - Lapp.

55506151 Datasheet PDF - Lapp.
Part # 55506151
Download  55506151 Download
File Size   160.94 Kbytes
Page   3 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® MSK-M US

55506151 Datasheet (PDF)

Go To PDF Page Download Datasheet
55506151 Datasheet PDF - Lapp.

Part # 55506151
Download  55506151 Click to download

File Size   160.94 Kbytes
Page   3 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® MSK-M US

55506151 Datasheet (HTML) - Lapp.


55506151 Product details

Technical features
Connecting thread M12x1,5 up to M63x1,5
Nominal width NW 10 up to NW 56
Protection class cable IP66 acc. to EN 60529
IP68 – 5bar / 30min acc. to EN 60529
Protection class conduit IP 40 acc. to EN 60529
In combination with SILVYN® AS, EDU-AS, EMC AS-CU
IP 65 acc. to EN 60529
In combination with SILVYN® AS-P
IP 54 acc. to EN 60529
In combination with SILVYN® FPS-EDU
Temperature range -30°C up to +100°C
Cable strain relief Category A acc. to DIN EN 62444
Type SILVYN® MSK-M
SILVYN® MSK-SC-M with EMV-Spring




Similar Part No. - 55506151

ManufacturerPart #DatasheetDescription
logo
Lapp.
55506155 LAPP-55506155 Datasheet
141Kb / 2P
SILVYN® FPAX-M
20.05.2019
More results


Similar Description - 55506151

ManufacturerPart #DatasheetDescription
logo
Lapp.
55502601 LAPP-55502601 Datasheet
111Kb / 2P
SILVYN® US-M EE / SILVYN® US EE
07.03.2019
55502611 LAPP-55502611 Datasheet
108Kb / 2P
SILVYN® US-M AS / SILVYN® US AS
07.03.2019
55502621 LAPP-55502621 Datasheet
109Kb / 2P
SILVYN® US-M AS-P / SILVYN® US AS-P
07.03.2019
55502631 LAPP-55502631 Datasheet
109Kb / 2P
SILVYN® US-M EDU-AS / EMC AS-CU SILVYN® US EDU-AS / EMC AS-CU
07.03.2019
55506010 LAPP-55506010 Datasheet
130Kb / 2P
SILVYN® MSK-M ATEX
03.07.2018
55506020 LAPP-55506020 Datasheet
169Kb / 2P
SILVYN® MSK-M BRUSH
03.07.2018
55506042 LAPP-55506042 Datasheet
160Kb / 2P
SILVYN® MSK-M ATEX BRUSH
03.07.2018
61802180 LAPP-61802180 Datasheet
76Kb / 1P
SILVYN® US-AS
03.07.2018
61802480 LAPP-61802480 Datasheet
83Kb / 1P
SILVYN® US-EDU-AS
03.07.2018
61808168 LAPP-61808168 Datasheet
102Kb / 1P
SILVYN® US-MS-DR
11.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com