Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

61801590 Datasheet (PDF) - Lapp.

61801590 Datasheet PDF - Lapp.
Part # 61801590
Download  61801590 Download
File Size   165.67 Kbytes
Page   3 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description Conductor end sleeves insulated

61801590 Datasheet (PDF)

Go To PDF Page Download Datasheet
61801590 Datasheet PDF - Lapp.

Part # 61801590
Download  61801590 Click to download

File Size   165.67 Kbytes
Page   3 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description Conductor end sleeves insulated

61801590 Datasheet (HTML) - Lapp.


61801590 Product details

Technical Features:
Nominal wide 0,25mm² up to 150mm²
Temperature range up to +105°C




Similar Part No. - 61801590

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61801525322 WURTH-61801525322 Datasheet
565Kb / 3P
WR-DSUB - METALIZED PLASTIC HOOD TOP ENTRY 4-40 SCREW
10-NOV-14 REV D
618015325323 WURTH-618015325323 Datasheet
479Kb / 3P
D-SUB MALE HIGH DENSITY ANGLED PCB CONNECTOR WITHOUT SCREW
J 04-OCT-18
618015330923 WURTH-618015330923 Datasheet
216Kb / 1P
D-SUB FEMALE HIGH DENSITY ANGLED PCB CONNECTOR WITH SCREW
More results


Similar Description - 61801590

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QF-40-01 QUALTEK-QF-40-01 Datasheet
302Kb / 1P
Filter Media for QLM Sleeves
logo
Productwell Precision E...
QLM-40-20-10 PRODUCTWELL-QLM-40-20-10 Datasheet
837Kb / 1P
QLM Fan Vibration Sleeves
logo
Qualtek Electronics Cor...
QLM-40-20-10 QUALTEK-QLM-40-20-10 Datasheet
2Mb / 2P
QLM Fan Vibration Sleeves
logo
List of Unclassifed Man...
WB26SM ETC2-WB26SM Datasheet
62Kb / 1P
WIRE WRAPPING BITS & SLEEVES
1344169 ETC2-1344169 Datasheet
95Kb / 2P
Tinned copper conductor, rubber insulated.
logo
PHOENIX CONTACT
CRIMPFOX-ZA3-1 PHOENIX-CRIMPFOX-ZA3-1 Datasheet
99Kb / 3P
Crimping pliers for non-insulated slip-on connection sleeves 2.8 and 4.8 mm
0604707 PHOENIX-0604707 Datasheet
51Kb / 2P
Insulating sleeve, as touch protection, slide onto the conductor before for 6.3 slip-on sleeves
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
1406700 PHOENIX-1406700 Datasheet
49Kb / 2P
Insulating sleeve, as touch protection, slide onto the conductor before for 2.8 slip-on sleeves
logo
WAGO Kontakttechnik Gmb...
869-344 WAGO-869-344 Datasheet
331Kb / 13P
2-conductor end terminal block; without push-buttons
29.12.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com