Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C03DE170HP Datasheet (PDF) - STMicroelectronics

C03DE170HP Datasheet PDF - STMicroelectronics
Part # C03DE170HP
Download  C03DE170HP Download
File Size   313.51 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM

C03DE170HP Datasheet (PDF)

Go To PDF Page Download Datasheet
C03DE170HP Datasheet PDF - STMicroelectronics

Part # C03DE170HP
Download  C03DE170HP Click to download

File Size   313.51 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM

C03DE170HP Datasheet (HTML) - STMicroelectronics


C03DE170HP Product details

Description

The STC03DE170HP is manufactured in a hybrid structure, using dedicated high voltage Bipolar and low voltage MOSFET technologies, aimed to providing the best performance in ESBT topology. The STC03DE170HP is designed for use in aux flyback smps for any three phase application.



Features

■ Low equivalent on resistance

■ Very fast-switch, up to 150 kHz

■ Squared RBSOA, up to 1700V

■ Very low CISS driven by RG = 47 Ω



Applications

■ Aux SMPS for three phase mains



 




Similar Part No. - C03DE170HP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
C03DE170HV STMICROELECTRONICS-C03DE170HV Datasheet
286Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
26-Sep-2006
More results


Similar Description - C03DE170HP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
26-Sep-2006
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
143Kb / 8P
Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
27-Nov-2006
STC04IE170HP STMICROELECTRONICS-STC04IE170HP Datasheet
282Kb / 11P
Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17OHM
21-Nov-2006
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
26-Oct-2006
STC08DE150HV STMICROELECTRONICS-STC08DE150HV Datasheet
270Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
25-Oct-2006
STC20DE90HV STMICROELECTRONICS-STC20DE90HV Datasheet
255Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
10-Oct-2006
STC03DE170HP STMICROELECTRONICS-STC03DE170HP_07 Datasheet
281Kb / 9P
Hybrid emitter switched bipolar transistor ESBT® 1700V - 3A - 0.33 W
16-Jul-2007
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_07 Datasheet
254Kb / 9P
Hybrid emitter switched bipolar transistor ESBT® 1700V - 3A - 0.33 W
12-Jul-2007
STC04IE170HV_0611 STMICROELECTRONICS-STC04IE170HV_0611 Datasheet
255Kb / 11P
Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
21-Nov-2006
STC06IE170HV STMICROELECTRONICS-STC06IE170HV Datasheet
144Kb / 8P
Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
21-May-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com