Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1535CT Datasheet (PDF) - SMC Diode Solutions Co. LTD

MBR1535CT Datasheet PDF - SMC Diode Solutions Co. LTD
Part # MBR1535CT
Download  MBR1535CT Download
File Size   516.87 Kbytes
Page   6 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description MBR1535CT/MBRB1535CT/MBR1535CT-1 SCHOTTKY RECTIFIER

MBR1535CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1535CT Datasheet PDF - SMC Diode Solutions Co. LTD

Part # MBR1535CT
Download  MBR1535CT Click to download

File Size   516.87 Kbytes
Page   6 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description MBR1535CT/MBRB1535CT/MBR1535CT-1 SCHOTTKY RECTIFIER

MBR1535CT Datasheet (HTML) - SMC Diode Solutions Co. LTD


MBR1535CT Product details

Features
150 C TJ operation
Center tap configuration
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Terminals finish: 100% Pure Tin
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request

Applications
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection




Similar Part No. - MBR1535CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1535CT MOTOROLA-MBR1535CT Datasheet
84Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Fairchild Semiconductor
MBR1535CT FAIRCHILD-MBR1535CT Datasheet
44Kb / 3P
15 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR1535CT DIODES-MBR1535CT Datasheet
88Kb / 2P
15A SCHOTTKY BARRIER RECTIFIER
DS23013 Rev. F-2
logo
General Semiconductor
MBR1535CT GE-MBR1535CT Datasheet
82Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR1535CT MCC-MBR1535CT Datasheet
105Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Similar Description - MBR1535CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
5817SMJ MICROSEMI-5817SMJ Datasheet
120Kb / 3P
1 Amp Schottky Rectifier
CPS140 MICROSEMI-CPS140 Datasheet
61Kb / 1P
1 Amp Schottky Rectifier
HSM150J MICROSEMI-HSM150J Datasheet
92Kb / 2P
1 Amp Schottky Rectifier
HSM180G MICROSEMI-HSM180G Datasheet
92Kb / 2P
1 Amp Schottky Rectifier
MSG140 MICROSEMI-MSG140 Datasheet
88Kb / 2P
1 Amp Schottky Rectifier
MS110 MICROSEMI-MS110 Datasheet
104Kb / 2P
1 Amp Schottky Rectifier
logo
International Rectifier
MBRS130LTRPBF IRF-MBRS130LTRPBF Datasheet
111Kb / 6P
SCHOTTKY RECTIFIER 1 Amp
logo
Vishay Siliconix
MBR150 VISHAY-MBR150_12 Datasheet
120Kb / 6P
Schottky Rectifier, 1 A
20-Sep-11
MBR1100 VISHAY-MBR1100_12 Datasheet
118Kb / 6P
Schottky Rectifier, 1 A
21-Sep-11
logo
Nanjing International G...
SMD1200PL-1A-SOD-123FL DGNJDZ-SMD1200PL-1A-SOD-123FL Datasheet
124Kb / 2P
1 Amp Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com