Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2980-ADJ Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LP2980-ADJ Datasheet PDF - Texas Instruments
Part # LP2980-ADJ
Download  LP2980-ADJ Download
File Size   2431.53 Kbytes
Page   37 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP2980-ADJ 16-V, 50-mA, Low-Power, Adjustable Low-Dropout Regulator

LP2980-ADJ Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2980-ADJ Datasheet PDF - Texas Instruments

Part # LP2980-ADJ
Download  LP2980-ADJ Click to download

File Size   2431.53 Kbytes
Page   37 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP2980-ADJ 16-V, 50-mA, Low-Power, Adjustable Low-Dropout Regulator

LP2980-ADJ Datasheet (HTML) - Texas Instruments


LP2980-ADJ Product details

1 Features
• VIN range:
– Legacy chip: 2.2 V to 16 V
– New chip: 2.5 V to 16V
• VOUT range:
– Legacy chip: 1.23 V to 15.0 V
– New chip: 1.2 V to 15.0 V
• VOUT(typ) accuracy:
– Legacy chip: ±1%
– New chip: ±0.5%
• Output accuracy over load and temperature:
– Legacy chip: ±3.5%
– New chip: ±1%
• Output current: Up to 50 mA
• Quiescent current, low IQ (new chip):
– 55 μA at ILOAD = 0 mA
– 350 μA at ILOAD = 50 mA
• Shutdown current over temperature:
– Legacy chip: < 1 μA
– New chip: ≤ 0.8 μA
• Output current limiting and thermal protection
• Stable with 2.2-μF ceramic capacitors (new chip)
• High PSRR (new chip):
– 70 dB at 1 kHz, 42 dB at 1 MHz
• Operating junction temperature: –40°C to +125°C
• Package: 5-pin SOT-23 (DBV)

2 Applications
• Residential breakers
• Solid state drives (SSD)
• Electricity meters
• Appliances
• Building automation

3 Description
The LP2980-ADJ is an adjustable-output, wide-input,
low-dropout voltage regulator supporting an input
voltage range up to 16 V and up to 50 mA of load
current. The LP2980-ADJ supports an output range
of 1.2 V to 15.0 V (new chip) and 1.23 V to 15.0 V
(legacy chip).
Additionally, the LP2980-ADJ (new chip) has a 1%
output accuracy across load and temperature that
can meet the needs of low-voltage microcontrollers
(MCUs) and processors.
In the new chip, wide bandwidth PSRR performance
of greater than 70 dB at 1 kHz and 45 dB at
1 MHz helps attenuate the switching frequency of
an upstream DC/DC converter and minimize post
regulator filtering.
The internal soft-start time and current-limit protection
reduce inrush current during start up, thus minimizing
input capacitance. Standard protection features, such
as overcurrent and overtemperature protection, are
included.
The LP2980-ADJ is available in a 5-pin, 2.9-mm ×
1.6-mm SOT-23 (DBV) package.




Similar Part No. - LP2980-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2980-ADJ TI-LP2980-ADJ_15 Datasheet
928Kb / 18P
LP2980-ADJ Micropower 50 mA Ultra Low-Dropout Adjustable Voltage Regulator in SOT-23
More results


Similar Description - LP2980-ADJ

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1205 UNISEM-US1205 Datasheet
26Kb / 3P
300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2980IM5-3.3 TI-LP2980IM5-3.3 Datasheet
1Mb / 24P
LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980AIM5-5.0 TI-LP2980AIM5-5.0 Datasheet
1Mb / 24P
LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5-ADJ TI1-LP2980IM5-ADJ Datasheet
945Kb / 18P
LP2980-ADJ Micropower 50 mA Ultra Low-Dropout Adjustable Voltage Regulator in SOT-23
LP2980AIM5-3.3 TI-LP2980AIM5-3.3 Datasheet
1Mb / 24P
LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N_15 TI-LP2980-N_15_15 Datasheet
1Mb / 30P
LP2980-N Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-ADJ TI-LP2980-ADJ_15 Datasheet
928Kb / 18P
LP2980-ADJ Micropower 50 mA Ultra Low-Dropout Adjustable Voltage Regulator in SOT-23
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
250-mA Adjustable, Low Dropout Regulator
08-Jun-09
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com