Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25148 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM25148 Datasheet PDF - Texas Instruments
Part # LM25148
Download  LM25148 Download
File Size   3264.93 Kbytes
Page   60 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range

LM25148 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM25148 Datasheet PDF - Texas Instruments

Part # LM25148
Download  LM25148 Click to download

File Size   3264.93 Kbytes
Page   60 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range

LM25148 Datasheet (HTML) - Texas Instruments


LM25148 Product details

1 Features
• – Device temperature grade 1: –40°C to +125°C
ambient temperature range
• Versatile synchronous buck DC/DC controller
– 6-V to 95-V wide input voltage range
– 125°C maximum junction temperature
– 0.8-V reference with ±1% feedback accuracy
– 0.8-V to 60-V adjustable output voltage
– 45-ns tON(min) for high VIN / VOUT ratio
– 145-ns tOFF(min) for low dropout
– Lossless RDS(on) or shunt current sensing
– Optimized for CISPR 11 and CISPR 32 Class B
EMI requirements
• 100-kHz to 1-MHz switching frequency
– SYNC in and SYNC out capability
– Selectable diode emulation or FPWM
• 7.5-V gate drivers for standard VTH MOSFETs
– 14-ns adaptive dead-time control
– 2.3-A source and 3.5-A sink capability
• Inherent protection features for robust design
– Adjustable output voltage soft start
– Hiccup-mode overcurrent protection
– Input UVLO with hysteresis
– VCC and gate-drive UVLO protection
– Precision enable input and open-drain PGOOD
indicator for sequencing and control
– Thermal shutdown protection with hysteresis
• 20-pin VQFN package with wettable flanks

2 Applications
• Wireless infrastructure, cloud computing
• Industrial motor drives, test and measurement
• Personal transport vehicle: electric bike
• Asset tracking and fleet management systems
• Non-isolated PoE, IP cameras
• Inverting buck-boost regulators

3 Description
The LV5144 95-V, synchronous, buck controller
regulates from a high input voltage source or from an
input rail subject to high-voltage transients, minimizing
the need for external surge suppression components.
A high-side switch minimum on-time of 45 ns gives
large step-down ratios, enabling the direct step-down
conversion from a 48-V nominal input to low-voltage
rails for reduced system complexity and design
cost. The LV5144 continues to operate during input
voltage dips as low as 6 V, at nearly 100% duty
cycle if needed, making an excellent choice for highperformance
industrial controls, robotics, datacom,
and RF applications.
Forced-PWM (FPWM) operation eliminates switching
frequency variation to minimize EMI, while
user-selectable diode emulation lowers current
consumption at light-load conditions. The adjustable
switching frequency as high as 1 MHz can be
synchronized to an external clock source to eliminate
beat frequencies in noise-sensitive applications.




Similar Part No. - LM25148

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25148 TI-LM25148 Datasheet
2Mb / 55P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM25148 TI-LM25148 Datasheet
5Mb / 64P
LM25148 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
DECEMBER 2021
LM25148 TI-LM25148 Datasheet
4Mb / 69P
LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25148 TI1-LM25148 Datasheet
5Mb / 66P
LM25148-Q1 42-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
REVISED FEBRUARY 2023
LM25148 TI-LM25148 Datasheet
5Mb / 70P
LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
More results


Similar Description - LM25148

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Texas Instruments
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
Wide Range Synchronous Buck Controller
LM5145 TI1-LM5145 Datasheet
2Mb / 67P
6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM25145 TI1-LM25145 Datasheet
2Mb / 62P
6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1 Datasheet
1Mb / 56P
95-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1_18 Datasheet
2Mb / 61P
100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5145-Q1 TI-LM5145-Q1 Datasheet
4Mb / 62P
LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146 Datasheet
2Mb / 55P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146_V01 Datasheet
3Mb / 63P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com