Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN6R7-40MSDX Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN6R7-40MSDX Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN6R7-40MSDX
Download  PSMN6R7-40MSDX Download
File Size   311.89 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 40 V, 6.7 mΩ, standard level MOSFET in LFPAK33 using NextPower-S3 technology

PSMN6R7-40MSDX Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN6R7-40MSDX Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN6R7-40MSDX
Download  PSMN6R7-40MSDX Click to download

File Size   311.89 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 40 V, 6.7 mΩ, standard level MOSFET in LFPAK33 using NextPower-S3 technology

PSMN6R7-40MSDX Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN6R7-40MSDX Product details

1. General description
50 A, standard level N-channel enhancement mode MOSFET in 175 °C LFPAK33 package using
advanced TrenchMOS Superjunction technology. This product has been designed and qualified for
high efficiency applications at high switching frequencies.
2. Features and benefits
• Avalanche rated, 100% tested
• NextPower-S3 technology delivers 'superfast switching with soft body-diode recovery'
• Low Qrr, QG and QGD for high system efficiency, especially at high switching frequencies
• Low spiking and ringing for low EMI designs
• High reliability clip bonded and solder die attach Mini Power SO8 package; no glue, no wire
bonds, qualified to 175 °C
• Exposed leads can be wave soldered, visual solder joint inspection and high quality solder
joints
• Low parasitic inductance and resistance
3. Applications
• Secondary side synchronous rectification
• DC-to-DC converters
• Brushless DC motor drive
• LED lighting




Similar Part No. - PSMN6R7-40MSDX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN6R7-40MSD NEXPERIA-PSMN6R7-40MSD Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
PSMN6R7-40MSD NEXPERIA-PSMN6R7-40MSD Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
More results


Similar Description - PSMN6R7-40MSDX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7M6R7-40H NEXPERIA-BUK7M6R7-40H Datasheet
292Kb / 11P
N-channel 40 V, 6.7 mΩ standard level MOSFET in LFPAK33
5 February 2019
PSMN3R3-40MLH NEXPERIA-PSMN3R3-40MLH Datasheet
301Kb / 12P
N-channel 40 V, 3.3 mΩ, logic level MOSFET in LFPAK33 using NextPower-S3 technology
11 November 2019
PSMN3R3-40MSH NEXPERIA-PSMN3R3-40MSH Datasheet
303Kb / 12P
N-channel 40 V, 3.3 mΩ, standard level MOSFET in LFPAK33 using NextPower-S3 technology
11 November 2019
PSMN4R3-40MLH NEXPERIA-PSMN4R3-40MLH Datasheet
304Kb / 12P
N-channel 40 V, 4.3 mΩ, logic level MOSFET in LFPAK33 using NextPower-S3 technology
27 April 2020
PSMN4R3-40MSH NEXPERIA-PSMN4R3-40MSH Datasheet
303Kb / 12P
N-channel 40 V, 4.3 mΩ, standard level MOSFET in LFPAK33 using NextPower-S3 technology
27 April 2020
PSMN5R0-40MLH NEXPERIA-PSMN5R0-40MLH Datasheet
303Kb / 12P
N-channel 40 V, 5 mΩ, logic level MOSFET in LFPAK33 using NextPower-S3 technology
27 April 2020
PSMN5R0-40MSH NEXPERIA-PSMN5R0-40MSH Datasheet
306Kb / 12P
N-channel 40 V, 5 mΩ, standard level MOSFET in LFPAK33 using NextPower-S3 technology
27 April 2020
PSMN6R7-40MLD NEXPERIA-PSMN6R7-40MLD Datasheet
304Kb / 12P
N-channel 40 V, 6.7 mΩ, logic level MOSFET in LFPAK33 using NextPower-S3 technology
14 August 2019
PSMN8R5-40MLD NEXPERIA-PSMN8R5-40MLD Datasheet
300Kb / 12P
N-channel 40 V, 8.5 mΩ, logic level MOSFET in LFPAK33 using NextPower-S3 technology
10 February 2020
PSMN8R5-40MSD NEXPERIA-PSMN8R5-40MSD Datasheet
306Kb / 12P
N-channel 40 V, 8.5 mΩ, standard level MOSFET in LFPAK33 using NextPower-S3 technology
10 February 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com