Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTQ8826 Datasheet (PDF) - Richtek Technology Corporation

RTQ8826 Datasheet PDF - Richtek Technology Corporation
Part # RTQ8826
Download  RTQ8826 Download
File Size   3475.22 Kbytes
Page   78 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Single Rail 6-Phase PWM Controller with PMBus

RTQ8826 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTQ8826 Datasheet PDF - Richtek Technology Corporation

Part # RTQ8826
Download  RTQ8826 Click to download

File Size   3475.22 Kbytes
Page   78 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Single Rail 6-Phase PWM Controller with PMBus

RTQ8826 Datasheet (HTML) - Richtek Technology Corporation


RTQ8826 Product details

General Description
The RTQ8826 is a 6/5/4/3/2/1 phase synchronous buck controller. The RTQ8826 adopts G-NAVPTM (Green Native AVP), which is Richtek’s proprietary topology derived from finite DC gain of EA amplifier with current mode control, making it easy to set the droop to support all CPU/Microprocessor requirements of AVP (Adaptive Voltage Positioning). Based on the G-NAVPTM topology, the RTQ8826 features a new generation of quick response mechanism (Adaptive Quick Response, AQR) to optimize AVP performance during load transient and reduce output capacitors. The RTQ8826 supports VID on-the-fly function with four different slew rates via PMBus command setting. The DAC converts the VOUT_COMMAND code ranging from 0.25V to 1.516V with 1.953mV per step. The RTQ8826 integrates a high accuracy ADC for platform and function settings, such as SPS type, PMBus address, boot voltage and load-line. The RTQ8826 provides reset Vout function, Vout to be set to the VBOOT value while the RESET# pin is asserted low. The RTQ8826 provides VR_Ready and thermal indicators. It also features complete fault protection functions including over-voltage (OV), under-voltage (UV), slow over-current (SLOW_OC), fast over-current (Fast_OC), over-temperature (OT) and under-voltage lockout (UVLO). The RTQ8826 supports several functions which can be set by I2C/PMBus interface.

Applications
 Networking system
 Telecom, Datacom and Server system

Features
 6/5/4/3/2/1 Phase PWM Controller
 G-NAVPTM (Green Native Adaptive Voltage Positioning) Topology
 Output Voltage Ranges from 0.25V to 1.516V
 Embedded LDO for Dr.MOS 3.3V PWM Level
 Pin Programmable 27 VBOOT Voltages
 Current Sensing by Either Current Type or Voltage Type SPS
 Digital Current Balancing with Programmable Gain for Thermal Balancing
 Differential Output Voltage Sense for High Output Accuracy
 Supports Start-Up Into Pre-Bias Voltage
 Pin Selection for Enabling Load-Line Function
 Supports Returning to VBOOT from Existing Voltage or from 0V
 PMBus v1.3 Compliant Serial Interface
 Pin Selectable 16 Addresses
 1.8V and 3.3V Logic Level Compliant
 SMBALERT#
 Internal Non-Volatile Memory (NVM) to Store Custom Configurations
 Programmable Power Up/Down Timing
 Monitoring for VOUT, IOUT and Temperature
 Selectable Latch or Autonomous Recovery After Shutdown Due to Fault
 Extensive Fault Detection and Protection Capability
 VIN & VCC Input Pins UVLO
 Averaged Output SLOW/FAST_OC Protection
 Output OV & UV Protection
 Output Temperature Warning & Protection
 Indicator for VR_Ready & VR_Hot#
 Small 48-Lead WQFN Package
 Point-of-load power supply (DSP, ASIC, FPGA)




Similar Part No. - RTQ8826

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTQ8825 RICHTEK-RTQ8825 Datasheet
3Mb / 73P
Dual Rail 32-Phase PWM Controller with PMBus
March 2022
RTQ8825GQW RICHTEK-RTQ8825GQW Datasheet
3Mb / 73P
Dual Rail 32-Phase PWM Controller with PMBus
March 2022
More results


Similar Description - RTQ8826

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8601 INTERSIL-ISL8601 Datasheet
99Kb / 4P
Single-Phase, PMBus-Enabled PWM Controller with Integrated FET Drivers
March 23, 2007
logo
List of Unclassifed Man...
ZSPM1005 ETC2-ZSPM1005 Datasheet
644Kb / 24P
True Digital PWM Controller (Single-Phase, Single-Rail)
ZSPM1025A ETC2-ZSPM1025A Datasheet
2Mb / 46P
True Digital PWM Controller (Single-Phase, Single-Rail)
ZSPM1025C ETC2-ZSPM1025C Datasheet
2Mb / 40P
True Digital PWM Controller (Single-Phase, Single-Rail)
ZSPM1035A ETC2-ZSPM1035A Datasheet
2Mb / 47P
True Digital PWM Controller (Single-Phase, Single-Rail)
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Richtek Technology Corp...
RTQ8825 RICHTEK-RTQ8825 Datasheet
3Mb / 73P
Dual Rail 32-Phase PWM Controller with PMBus
March 2022
logo
Renesas Technology Corp
ZSPM1025C RENESAS-ZSPM1025C Datasheet
1Mb / 39P
True Digital PWM Controller (Single-Phase, Single-Rail)
January 22, 2016
ZSPM1035C RENESAS-ZSPM1035C Datasheet
1Mb / 39P
True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
ZSPM1501ZA1W0 RENESAS-ZSPM1501ZA1W0 Datasheet
8Mb / 102P
True-Digital PWM Controller (Single-Phase, Single-Rail)
January 27, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com