Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN18400P Datasheet (PDF) - Richtek Technology Corporation

SN18400P Datasheet PDF - Richtek Technology Corporation
Part # SN18400P
Download  SN18400P Download
File Size   1967.98 Kbytes
Page   45 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description TFT LCD Integrated Power Module

SN18400P Datasheet (PDF)

Go To PDF Page Download Datasheet
SN18400P Datasheet PDF - Richtek Technology Corporation

Part # SN18400P
Download  SN18400P Click to download

File Size   1967.98 Kbytes
Page   45 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description TFT LCD Integrated Power Module

SN18400P Datasheet (HTML) - Richtek Technology Corporation


SN18400P Product details

General Description
The SN18400P is an I2C interface programmable power management IC. The IC includes two synchronous AVDD/VGH boost converter, a two RESET function, a low dropout LDO, a VGL charge pump, a high performance VCOM with 7-bit Calibrator, 2-CH gamma, and a voltage detector. With available in a UQFN-28L 3.5x3.5 (FC) package, this device is suitable for TFT-LCD panel. The IC can operate from 2.5V to 5V input voltages. High frequency operation allows a compact PCB circuit area with small inductors and capacitor. Current-limit functions are provided for all internal-switch converters, and output-fault shutdown protects all converters against output-fault conditions. Programmable soft-start functions for all output voltage to limit input inrush current during startup.

Features
 2.5V to 5V Input Supply Voltage
 I2C Interface
 AVDD Current-Mode Sync. Boost Converter
 Programmable Output Voltage 7V to 13.5V
 High Efficiency (96%)
 Operational Amplifier
 150mA Short Circuit Current
 Programmable 7-Bit VCOM Calibrator
 Low Dropout Voltage Linear Regulator
 Programmable Output Voltage 1.8V to 2.8V
 100mA Maximum Output Current
 VCORE/VIO Programmable Sync. Buck
 VCORE Programmable Output Voltage 0.8V to 2V
 VIO Programmable Output Voltage 1V to 2.8V
 VGH Current-Mode Sync. Boost Converter
 Negative Charge Pump Regulator with Internal Switch
 VGL Programmable Output Voltage −4.4V to −13V
 Programmable 2-CH Gamma
 Programmable Voltage Detector
 Over-Temperature Protection
 RoHS Compliant and Halogen Free

Applications
 Tablet Panels
 Notebook Panels




Similar Part No. - SN18400P

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
SN1800 KNIGHTSBRIDGE-SN1800 Datasheet
171Kb / 1P
3rd Party Tested to ISO 22196:2011
26/03/2024
More results


Similar Description - SN18400P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3041 AD-ADP3041 Datasheet
269Kb / 16P
TFT LCD Panel Power Module
12/03-Data Sheet changed from REV. C to REV. D.
logo
Sharp Corporation
LQ104S1DG21 SHARP-LQ104S1DG21 Datasheet
376Kb / 19P
TFT-LCD Module
LQ121S1LG41 SHARP-LQ121S1LG41 Datasheet
3Mb / 19P
TFT-LCD Module
LQ121S1LG61 SHARP-LQ121S1LG61 Datasheet
715Kb / 20P
TFT-LCD Module
LQ181E1LW31 SHARP-LQ181E1LW31 Datasheet
556Kb / 24P
TFT-LCD Module
LQ084S3DG01 SHARP-LQ084S3DG01 Datasheet
702Kb / 20P
TFT-LCD Module
logo
Analog Devices
ADP3041 AD-ADP3041_15 Datasheet
267Kb / 16P
TFT LCD Panel Power Module
REV. D
logo
Global Mixed-mode Techn...
G5517 GMT-G5517 Datasheet
83Kb / 1P
Integrated Power Solution for TFT-LCD
G5512 GMT-G5512 Datasheet
84Kb / 1P
Integrated Power Solution for TFT-LCD
logo
Advanced Analog Technol...
AAT11671 AAT-AAT11671 Datasheet
2Mb / 18P
INTEGRATED TFT LCD POWER SOLUTION
Version 0.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com