Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1484A Datasheet (PDF) - Belden Inc.

1484A Datasheet PDF - Belden Inc.
Part # 1484A
Download  1484A Download
File Size   166.1 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 4 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG

1484A Datasheet (PDF)

Go To PDF Page Download Datasheet
1484A Datasheet PDF - Belden Inc.

Part # 1484A
Download  1484A Click to download

File Size   166.1 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 4 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG

1484A Datasheet (HTML) - Belden Inc.


1484A Product details

Product Description
UL Instrumentation, 4 Pair 16+22AWG (7x24+7x30) Bare Copper, PVC Insulation E1 Color Code, Overall Beldfoil® Shield, Black PVC Outer Jacket, PLTC
ITC CMG AWM 2464 SUN RES DIR BUR




Similar Part No. - 1484A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1484 ETC2-1484 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
Heyco.
1484 HEYCO-1484 Datasheet
121Kb / 1P
Original Strain Relief Bushings
logo
Keystone Electronics Co...
1484 KEYSTONE-1484 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Heyco.
14840 HEYCO-14840 Datasheet
112Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Atom Lighting
14840 ATOM-14840 Datasheet
289Kb / 1P
Heatspot
19th of January 2025 17:50:44
More results


Similar Description - 1484A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1030A BELDEN-1030A Datasheet
164Kb / 2P
Inst, 1 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC, ITC, CMG
04-14-2023
1489A BELDEN-1489A Datasheet
166Kb / 2P
Inst, 24 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3051A BELDEN-3051A Datasheet
160Kb / 2P
Inst, 16 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1059A BELDEN-1059A Datasheet
164Kb / 2P
Inst, 16 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1079A BELDEN-1079A Datasheet
211Kb / 2P
Inst, 16 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
06-01-2023
1486A BELDEN-1486A Datasheet
166Kb / 2P
Inst, 12 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1528A BELDEN-1528A Datasheet
166Kb / 2P
Inst, 3 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1493A BELDEN-1493A Datasheet
162Kb / 2P
Inst, 4 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3050A BELDEN-3050A Datasheet
221Kb / 2P
Inst, 16 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
31P1620 BELDEN-31P1620 Datasheet
149Kb / 2P
Inst PVC/PVC, 20 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com