Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE76184AS Datasheet (PDF) - NEC

NE76184AS Datasheet PDF - NEC
Part # NE76184AS
Download  NE76184AS Download
File Size   52.61 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description GENERAL PURPOSE L TO X-BAND GaAs MESFET

NE76184AS Datasheet (PDF)

Go To PDF Page Download Datasheet
NE76184AS Datasheet PDF - NEC

Part # NE76184AS
Download  NE76184AS Click to download

File Size   52.61 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description GENERAL PURPOSE L TO X-BAND GaAs MESFET

NE76184AS Datasheet (HTML) - NEC


NE76184AS Product details

DESCRIPTION
NE76184AS is a high performance gallium arsenide metal semiconductor field effect transistor housed in an epoxy sealed, metal/ceramic package. Its low noise figure makes this device appropriate for use in the second or third stages of low noise amplifiers operating in the 1-12 GHz frequency range. The device is fabricated using ion implantation for improved RF and DC performance, reliability, and uniformity. The NE76184AS is suitable for DBS, TVRO, GPS and other commercial applications.

• LOW NOISE FIGURE: 0.8 dB typical at 4 GHz
• HIGH ASSOCIATED GAIN: 12 dB typical at 4 GHz
• LG= 1.0 µm, WG= 400 µm
• LOW COST METAL/CERAMIC PACKAGE
• TAPE & REEL PACKAGING OPTION AVAILABLE




Similar Part No. - NE76184AS

ManufacturerPart #DatasheetDescription
logo
NEC
NE76184A NEC-NE76184A Datasheet
65Kb / 10P
GENERAL PURPOSE FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NE76184A RENESAS-NE76184A Datasheet
193Kb / 12P
GaAs MES FET
1991
logo
NEC
NE76184A-SL NEC-NE76184A-SL Datasheet
65Kb / 10P
GENERAL PURPOSE FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NE76184A-SL RENESAS-NE76184A-SL Datasheet
193Kb / 12P
GaAs MES FET
1991
logo
NEC
NE76184A-T1 NEC-NE76184A-T1 Datasheet
65Kb / 10P
GENERAL PURPOSE FET N-CHANNEL GaAs MES FET
More results


Similar Description - NE76184AS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CFY25 INFINEON-CFY25 Datasheet
2Mb / 8P
HiRel X-Band GaAs Low Noise / General Purpose MESFET
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
HiRel Ku-Band GaAs General Purpose MESFET
September 99
logo
NEC
NE76000 NEC-NE76000 Datasheet
52Kb / 6P
LOW NOISE L TO Ku BAND GaAs MESFET
NE721S01 NEC-NE721S01 Datasheet
32Kb / 5P
GENERAL PURPOSE L TO X-BAND GaAs MESFET
NE71300 NEC-NE71300 Datasheet
91Kb / 8P
LOW NOISE L TO K-BAND GaAs MESFET
NE76038 NEC-NE76038 Datasheet
40Kb / 6P
LOW NOISE L TO Ku-BAND GaAs MESFET
NE76084S NEC-NE76084S Datasheet
42Kb / 4P
LOW NOISE L TO Ku BAND GaAs MESFET
NE76100 NEC-NE76100_99 Datasheet
53Kb / 8P
GENERAL PURPOSE GaAs MESFET
NE76118 NEC-NE76118_00 Datasheet
32Kb / 4P
GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
logo
California Eastern Labs
NE71300 CEL-NE71300 Datasheet
95Kb / 8P
LOW NOISE L TO K-BAND GaAs MESFET
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com