Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC08IE120HP Datasheet (PDF) - STMicroelectronics

STC08IE120HP Datasheet PDF - STMicroelectronics
Part # STC08IE120HP
Download  STC08IE120HP Download
File Size   295.51 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm

STC08IE120HP Datasheet (PDF)

Go To PDF Page Download Datasheet
STC08IE120HP Datasheet PDF - STMicroelectronics

Part # STC08IE120HP
Download  STC08IE120HP Click to download

File Size   295.51 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm

STC08IE120HP Datasheet (HTML) - STMicroelectronics


STC08IE120HP Product details

Description
The STC08IE120HP is manufactured in Monolithic ESBT Technology, aimed to provide best performances in high frequency / high voltage applications.
It is designed for use in Gate Driven based topologies.

General features
■ High voltage / high current Cascode configuration
■ Low equivalent on resistance
■ very fast-switch up to 150 kHz
■ Squared RBSOA up to 1200V
■ Very low Ciss driven by RG = 47Ω
■ Very low turn-off cross over time

Applications
■ Flyback / forward SMPS
■ Buck-boost converter




Similar Part No. - STC08IE120HP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
12-Jan-2007
More results


Similar Description - STC08IE120HP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
29-Mar-2005
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
26-Oct-2006
STC08DE150HV STMICROELECTRONICS-STC08DE150HV Datasheet
270Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
25-Oct-2006
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
12-Jan-2007
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
01-Dec-2006
STC12IE90HV STMICROELECTRONICS-STC12IE90HV Datasheet
242Kb / 11P
Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
16-Jan-2007
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
28-Nov-2006
STP12IE90F4 STMICROELECTRONICS-STP12IE90F4 Datasheet
274Kb / 11P
Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
16-Jan-2007
STP12IE95F4 STMICROELECTRONICS-STP12IE95F4 Datasheet
275Kb / 11P
Emitter Switched Bipolar Transistor ESBT 950 V - 12A - 0.083 ohm
16-Jan-2007
STC08IE150HV STMICROELECTRONICS-STC08IE150HV_07 Datasheet
276Kb / 11P
Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
22-Nov-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com