Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6152V Datasheet (PDF) - Honeywell Solid State Electronics Center

6152V Datasheet PDF - Honeywell Solid State Electronics Center
Part # 6152V
Download  6152V Download
File Size   177.29 Kbytes
Page   2 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description ALPHA AND FIXED-LANGUAGE SECURITY KEYPADS

6152V Datasheet (PDF)

Go To PDF Page Download Datasheet
6152V Datasheet PDF - Honeywell Solid State Electronics Center

Part # 6152V
Download  6152V Click to download

File Size   177.29 Kbytes
Page   2 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description ALPHA AND FIXED-LANGUAGE SECURITY KEYPADS

6152V Datasheet (HTML) - Honeywell Solid State Electronics Center


6152V Product details

FEATURES
• Attractive, sleek look
• Wide, easy-to-read matrix LCD display (Alpha only)*
• VISTA Intelligent Programming (VIP)
- Menu-based programming option (Alpha only)*
- Intuitive, menu-based user code programming (Alpha only)*
• Single-button arming option
• Intuitive clock programming
• Icon indicators
• Four programmable function keys
• Integrated 5800 transceiver (RF models)
- Fixed-English: 16 zones
- Alpha: Unlimited zones
• Voice annunciation (voice models)
• Integrated hardwired zone (ZN models)
• Compatible with all VISTA controls




Similar Part No. - 6152V

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
61525 ANAREN-61525 Datasheet
876Kb / 4P
Attenuators PIN Diode
61526 ANAREN-61526 Datasheet
1Mb / 4P
Attenuators PIN Diode
61527 ANAREN-61527 Datasheet
1Mb / 4P
Attenuators PIN Diode
61528 ANAREN-61528 Datasheet
868Kb / 4P
Attenuators PIN Diode
logo
EM Microelectronic - MA...
6152A30 EMMICRO-6152A30 Datasheet
722Kb / 12P
5V Automotive Regulator with Windowed Watchdog
More results


Similar Description - 6152V

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
84AB1-103 GRAYHILL-84AB1-103 Datasheet
39Kb / 1P
Standard Keypads
87AC2046 GRAYHILL-87AC2046 Datasheet
39Kb / 1P
Standard Keypads
88M2001-2 GRAYHILL-88M2001-2 Datasheet
42Kb / 1P
Sealed Keypads
logo
Keysight Technologies
W9062A KEYSIGHT-W9062A Datasheet
2Mb / 5P
Language Compatibility
logo
PHOENIX CONTACT
2203144 PHOENIX-2203144 Datasheet
54Kb / 2P
Integration of LCD displays and membrane keypads
2203147 PHOENIX-2203147 Datasheet
54Kb / 2P
Integration of LCD displays and membrane keypads
2203183 PHOENIX-2203183 Datasheet
54Kb / 2P
Integration of TFT display and membrane keypads
2203184 PHOENIX-2203184 Datasheet
55Kb / 2P
Integration of TFT display and membrane keypads
logo
Generalplus Technology ...
GPRT5507A GENERALPLUS-GPRT5507A Datasheet
344Kb / 9P
LANGUAGE REPEATER
logo
List of Unclassifed Man...
7207-121W203 ETC1-7207-121W203 Datasheet
324Kb / 2P
720 GFX-i Series Sealed and Rugged Keypads
Rev 2 Dec 2016
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com