Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5565AVZ132 Datasheet (PDF) - Freescale Semiconductor, Inc

MPC5565AVZ132 Datasheet PDF - Freescale Semiconductor, Inc
Part # MPC5565AVZ132
Download  MPC5565AVZ132 Download
File Size   1218.06 Kbytes
Page   48 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontroller

MPC5565AVZ132 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC5565AVZ132 Datasheet PDF - Freescale Semiconductor, Inc

Part # MPC5565AVZ132
Download  MPC5565AVZ132 Click to download

File Size   1218.06 Kbytes
Page   48 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontroller

MPC5565AVZ132 Datasheet (HTML) - Freescale Semiconductor, Inc


MPC5565AVZ132 Product details

Overview
The MPC5565 microcontroller (MCU) is a member of the MPC5500 family of microcontrollers built on the Power Architecture™ embedded technology. This family of parts has many new features coupled with high performance CMOS technology to provide substantial reduction of cost per feature and significant performance improvement over the MPC500 family.
   
The host processor core of this device complies with the Power Architecture embedded category that is 100% user-mode compatible (including floating point library) with the original Power PC™ user instruction set architecture (UISA). The embedded architecture enhancements improve the performance in embedded applications. The core also has additional instructions, including digital signal processing (DSP) instructions, beyond the original Power PC instruction set.
   




Similar Part No. - MPC5565AVZ132

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5565 FREESCALE-MPC5565 Datasheet
1,002Kb / 54P
Microcontroller
MPC5565MVZ112 FREESCALE-MPC5565MVZ112 Datasheet
1,002Kb / 54P
Microcontroller
MPC5565MVZ112R FREESCALE-MPC5565MVZ112R Datasheet
1,002Kb / 54P
Microcontroller
MPC5565MVZ132 FREESCALE-MPC5565MVZ132 Datasheet
1,002Kb / 54P
Microcontroller
MPC5565MVZ132R FREESCALE-MPC5565MVZ132R Datasheet
1,002Kb / 54P
Microcontroller
More results


Similar Description - MPC5565AVZ132

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com