Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC74D Datasheet (PDF) - ON Semiconductor

74HC74D Datasheet PDF - ON Semiconductor
Part # 74HC74D
Download  74HC74D Download
File Size   133.38 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS

74HC74D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC74D Datasheet PDF - ON Semiconductor

Part # 74HC74D
Download  74HC74D Click to download

File Size   133.38 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS

74HC74D Datasheet (HTML) - ON Semiconductor


74HC74D Product details

The 74HC74 is identical in pinout to the LS74. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.
This device consists of two D flip−flops with individual Set, Reset, and Clock inputs. Information at a D−input is transferred to the corresponding Q output on the next positive going edge of the clock input. Both Q and Q outputs are available from each flip−flop. The Set and Reset inputs are asynchronous.

Features
• Output Drive Capability: 10 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 μA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the JEDEC Standard No. 7A Requirements
• ESD Performance: HBM  > 2000 V; Machine Model  > 200 V
• Chip Complexity: 128 FETs or 32 Equivalent Gates
• Pb−Free Packages are Available




Similar Part No. - 74HC74D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC74D PHILIPS-74HC74D Datasheet
120Kb / 22P
Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
74HC74D NXP-74HC74D Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74D PHILIPS-74HC74D Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74D PHILIPS-74HC74D Datasheet
193Kb / 22P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74D NXP-74HC74D Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
More results


Similar Description - 74HC74D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC174A ONSEMI-MC74HC174A_06 Datasheet
132Kb / 9P
Hex D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 10
MC74HC175A ONSEMI-MC74HC175A_05 Datasheet
121Kb / 10P
Quad D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
MC74HC273A ONSEMI-MC74HC273A_05 Datasheet
138Kb / 10P
Octal D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC374A ONSEMI-MC74HC374A_05 Datasheet
138Kb / 10P
Octal 3?뭆tate Non?묲nverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC574A ONSEMI-MC74HC574A_05 Datasheet
122Kb / 10P
Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC74A ONSEMI-MC74HC74A_06 Datasheet
179Kb / 9P
Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74VHC74 ONSEMI-MC74VHC74 Datasheet
159Kb / 6P
Dual D?뭈ype Flip?묯lop with Set and Reset
March, 2006 ??Rev. 5
MC74VHCT74A ONSEMI-MC74VHCT74A_06 Datasheet
86Kb / 6P
Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
MC74HC73A ONSEMI-MC74HC73A Datasheet
160Kb / 9P
Dual J-K Flip-Flop with Reset High?뭁erformance Silicon?묰ate CMOS
December, 2009 ??Rev. 7
MC74HC112A ONSEMI-MC74HC112A Datasheet
181Kb / 8P
Dual J-K Flip-Flop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2009 ??Rev. 7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com