Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B8050 Datasheet (PDF) - EPCOS

B8050 Datasheet PDF - EPCOS
Part # B8050
Download  B8050 Download
File Size   376.75 Kbytes
Page   13 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components SAW Duplexer W-CDMA Band 5 (Cellular)

B8050 Datasheet (PDF)

Go To PDF Page Download Datasheet
B8050 Datasheet PDF - EPCOS

Part # B8050
Download  B8050 Click to download

File Size   376.75 Kbytes
Page   13 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components SAW Duplexer W-CDMA Band 5 (Cellular)

B8050 Datasheet (HTML) - EPCOS


B8050 Product details

Features
* Package size 2.5 * 2.0 mm2,
package height 0.5 mm max.
* RoHS compatible
* Package for Surface Mount Technology
(SMT)
* Ni, gold-plated terminals
* Electrostatic Sensitive Device (ESD)




Similar Part No. - B8050

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
B80-C1000 EIC-B80-C1000 Datasheet
23Kb / 2P
SILICON BRIDGE RECTIFIERS
B80-C1500R EIC-B80-C1500R Datasheet
23Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
EPCOS
B800 EPCOS-B800 Datasheet
81Kb / 6P
Satellite Receiver Filter
logo
Pulse A Technitrol Comp...
B800 PULSE-B800 Datasheet
584Kb / 2P
XDSL SPLITTER FILTER MODULE
logo
YAGEO Corporation
B800-60KA YAGEO-B800-60KA Datasheet
382Kb / 4P
GAS DISCHARGE TUBE
Oct. 06, 2020 V.1
More results


Similar Description - B8050

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7669 EPCOS-B7669 Datasheet
182Kb / 13P
SAW Duplexer Cellular / WCDMA band V
B7670 EPCOS-B7670 Datasheet
182Kb / 13P
SAW Duplexer Cellular / WCDMA band V
B7671 EPCOS-B7671 Datasheet
111Kb / 13P
SAW Duplexer Cellular / WCDMA band V
B7699 EPCOS-B7699 Datasheet
132Kb / 14P
SAW Duplexer for W-CDMA Band IV / CDMA 1x AWS Band
B7923 EPCOS-B7923 Datasheet
347Kb / 16P
SAW Duplexer Cellular / WCDMA Band V
B7959 EPCOS-B7959 Datasheet
160Kb / 15P
SAW Duplexer W-CDMA Band 4 / CDMA 1x AWS Band
B8553 EPCOS-B8553 Datasheet
226Kb / 16P
SAW Duplexer Cellular / WCDMA Band V
B39881B7654P810 EPCOS-B39881B7654P810 Datasheet
254Kb / 13P
SAW Duplexer W-CDMA Band 5 / CDMA 800
logo
Transko Electronics, In...
TD8388BC1 TRANSKO-TD8388BC1 Datasheet
595Kb / 5P
CDMA SAW Duplexer
Revision 1: November 2008
TD8388BC2 TRANSKO-TD8388BC2 Datasheet
630Kb / 5P
CDMA SAW Duplexer
Revision 1: November 2008
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com