Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILI2511 Datasheet (PDF) - List of Unclassifed Manufacturers

ILI2511 Datasheet PDF - List of Unclassifed Manufacturers
Part # ILI2511
Download  ILI2511 Download
File Size   571.39 Kbytes
Page   18 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Single Chip Capacitive Touch Sensor Controller

ILI2511 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILI2511 Datasheet PDF - List of Unclassifed Manufacturers

Part # ILI2511
Download  ILI2511 Click to download

File Size   571.39 Kbytes
Page   18 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Single Chip Capacitive Touch Sensor Controller

ILI2511 Datasheet (HTML) - List of Unclassifed Manufacturers


ILI2511 Product details

1. Description
The ILI2511 is a single chip capacitive touch sensor controller optimized for POS,
ATM and Industry Capacitive Touch Panel applications. It integrates high speed
Capacitance to Digital Converter (CDC), total 65 channels including high voltage
Driving and Sensing channels, high voltage Charge Pump Controller, high voltage
regulator and 32-bit high performance Micro-controller (MCU). In order to minimize
system design cost, ILI2511 also integrates a USB 5V to 3.3V Low Drop-out
Regulator and supports 1.8V/3.3V input power supply operation for I2C, SPI, UART,
GPIO. With compact QFN-88 package, its package size is 10mm*10mm*1mm and
pad pitch is 0.4mm. ILI2511 meets all Windows 8.1 and Windows 10 requirements
with best user touch experience and highest noise immunity performance.

2. Features
 65 channels for capacitive touch panel
 Flexible driving or sensing channel assignment
 Max TX channel number is 42
 Max RX channel number is 41
 Programmable driving voltage for driving channels
 High voltage charge pump controller with programmable high voltage regulator
 High speed ADC converter
 Support baseline calibration function
 Support mutual-capacitance sensing
 Support self-capacitance sensing
 Integrated USB5V to 3.3V Low Drop-out Regulator
 Support 1.8V and 3.3V Operation of VDDIO for I2C, SPI, UART, GPIO
 Built-in noise processing function
 Support IEC 61000-4-6 (CS test), Level 3: 10Vrms
 Built-in 32-bit high performance Micro-controller (MCU)
 Input voltage low level detection circuit
 Input voltage power on reset circuit
 Driving to Sensing mutual capacitance: 1pF to 4pF




Similar Part No. - ILI2511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ILI2113A ETC-ILI2113A Datasheet
456Kb / 14P
Capacitive Touch Controller
V1.09 March 06,2013
ILI2132A ETC-ILI2132A Datasheet
456Kb / 14P
Capacitive Touch Controller
V1.09 March 06,2013
More results


Similar Description - ILI2511

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X Datasheet
283Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR121 FREESCALE-MPR121 Datasheet
253Kb / 13P
Proximity Capacitive Touch Sensor Controller
MPR031 FREESCALE-MPR031 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
logo
List of Unclassifed Man...
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity, Touch Controller
ILI2113A ETC-ILI2113A Datasheet
456Kb / 14P
Capacitive Touch Controller
V1.09 March 06,2013
logo
CORE RIVER Semiconducto...
TC305K CORERIVER-TC305K Datasheet
2Mb / 14P
Capacitive Touch Sensor Controller
Revised May. 26, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com