Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5356 Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP5356 Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP5356
Download  IP5356 Download
File Size   2511.3 Kbytes
Page   35 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols

IP5356 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP5356 Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP5356
Download  IP5356 Click to download

File Size   2511.3 Kbytes
Page   35 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols

IP5356 Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP5356 Product details

characteristic
 Support multiple USB ports at the same time
 2 USB A port outputs
 1 USB B port input
 1 USB C port input and output
 1 lightning input port
 Fast charging specifications
 Any port supports fast charging
 Integrated QC2.0/QC3.0 output fast charging protocol
 Integrated FCP input and output fast charging protocol
Integrated AFC input and output fast charging protocol
Integrated SFCP input and output fast charging protocol
 Integrated high and low voltage SCP output fast charging protocol
Integrated MTK PE+ 1.1&2.0 output fast charging protocol
 Integrated USB C DRP protocol, supports input and output fast charging
 Compatible with BC1.2, Apple and Samsung mobile phone fast charging
 Customizable, supports 1 USB C port input and output + USB C output
 Integrated lightning input decoding
 Integrated USB Power Delivery PD2.0/PD3.0) protocol
 Support PD2.0 bidirectional input and output protocol
Support PD3.0 input and output, PPS output protocol
Supports 5V 9V 12V voltage range input
Supports 5V 9V 12V voltage range output
 PPS supports 5~11V 20mV/step output voltage range
 Integrated hardware bidirectional mark coding and decoding (BMC) protocol
 Integrated physical layer protocol (PHY
Integrated hardware CRC
Support Hard Reset
 Charging specifications
Supports 18w charging, the battery end charging current can reach up to 5.0A
 Adaptive charging current adjustment
Supports 4.20V, 4.3V, 4.35V, 4.40V batteries
 Discharge specifications
 Output current capability:
5V
3.1A 9V 2. 2 2 A 12V 1. 67 A
 Synchronous switch discharge 5V 2A, efficiency reaches over 95%
Support line compensation
 Battery display
 Built-in 14bit ADC and fuel gauge
Supports 1 / 2 / 3 / 4 LED power display
Supports 88, 188 and other digital tube power display
 Intelligent recognition of the number of LED battery indicator lights
 Other functions
 Automatically detect when the phone is plugged in and out
 Fast charging status indicator
Support battery temperature detection
 Intelligent identification of load, automatic enter standby under light load
 Built-in lighting driver
Support I2C interface
 Multiple protections and high reliability
 Input overvoltage and undervoltage protection

 Output over-current, over-voltage and short-circuit protection
 Battery overcharge, over-discharge, and over-current protection
 IC over-temperature protection
 Charge and discharge battery temperature NTC protection
 ESD 4KV, input (including CC pin) withstand voltage 20 V
 BOM minimalist
 Built-in switching power MOS, path MOS
 Single inductor realizes charging and discharging functions
 Package specification: 6 mm × 6 mm 0.5pitch QFN4 0
Overview
IP53
5 6 is an integrated QC2.0/QC 3.0/SCP output fast charging protocol,
FCP/AFC/SFCP input and output fast charging protocol, MTK PE+ 1.1&2.0 input
Out fast charging protocol, USB C PD2.0/PD3.0 input and output protocol, USB C
PD3.0 PPS output protocol, compatible with BC1.2 Apple and Samsung mobile phones, synchronous upgrade
Buck converter, lithium battery charging management, battery power indicator and other multi-functional
Source management SOC provides a complete power solution for fast charging mobile power.
Can support USB A x2 USB B USB C four USB ports at the same time, individually
Use any USB port to support fast charging, and use two or more USB ports at the same time.
When the output port is on, it only supports 5V.
IP53
5 6’s high integration and rich functions require only one inductor to reduce
voltage and boost functions, only a few peripheral components are needed during application, effectively reducing the overall
The size of the overall solution reduces the BOM cost.
IP
The 5356's synchronous switching boost system provides a maximum output power of 22.5W
force. When Boost is unloaded, it automatically enters sleep state.
IP53
5 6 synchronous switch charging system, supports 18 W charging, battery terminal
Charging current up to 50 A. Built-in IC temperature, battery temperature and input voltage control
Control loop and intelligently adjust charging current.
IP53
5 6 Built-in USB C & PD 3.0 protocol.
IP53
5 6 Built-in 14bit ADC and built-in current sampling circuit for accurate measurement
Battery voltage and current. IP53 5 6 Built-in power calculation method can accurately obtain power
Battery charge information. The battery capacity can be set to accurately display the battery power.
IP53
5 6 supports 1/2/4 LED power display, supports 88, 188, etc.
Various digital tube power display; supports lighting function; supports buttons.
IP5356
Supports I2C control interface.
Application products
 Mobile power supply, power bank
 Mobile phones, tablets and other portable devices




Similar Part No. - IP5356

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5356 INJOINIC-IP5356 Datasheet
2Mb / 32P
Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
Version1.2 2021
IP5356 INJOINIC-IP5356 Datasheet
1Mb / 41P
A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
V1.22
IP5356 INJOINIC-IP5356 Datasheet
1Mb / 32P
integrated buck-boost driver
V1.01
More results


Similar Description - IP5356

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN82C55 IKSEMICON-IN82C55 Datasheet
422Kb / 22P
Compatible with all Intel and Most Other Microprocessors
logo
Injoinic Technology Co....
IP5207T INJOINIC-IP5207T Datasheet
974Kb / 13P
Ultra High Efficiency 1A Charging 1.2A Discharge Support NTC Mobile Power SOC
IP5318 INJOINIC-IP5318 Datasheet
1Mb / 27P
4.8A charging, 18W discharge, integrated input and output fast charging function mobile power supply SOC
IP5328P INJOINIC-IP5328P Datasheet
2Mb / 27P
Mobile power SOC supporting multiple protocols such as bidirectional PD3.0 fast charging
logo
Shenzhen Huazhimei Semi...
HM5805B HMSEMI-HM5805B Datasheet
739Kb / 7P
1A switch charging and discharging mobile power management solution
HM5822 HMSEMI-HM5822 Datasheet
1Mb / 8P
Mobile power / charging treasure
HM1596A HMSEMI-HM1596A Datasheet
1,008Kb / 14P
18W PD output, integrated multiple fast charging output protocols
logo
Injoinic Technology Co....
IP5332 INJOINIC-IP5332 Datasheet
2Mb / 24P
Support bidirectional PD3.0 fast charging and other mobile power SOC with multiple protocols
Version 0.2 2015
IP5389 INJOINIC-IP5389 Datasheet
2Mb / 32P
Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
Version1.2 2021
IP5568 INJOINIC-IP5568 Datasheet
2Mb / 42P
Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
V1.31 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com