Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP6566 Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP6566 Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP6566
Download  IP6566 Download
File Size   872.7 Kbytes
Page   18 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description integrated Dual port Type C PD 3.0 (waiting for fast charging protocol output SOC IC

IP6566 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP6566 Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP6566
Download  IP6566 Click to download

File Size   872.7 Kbytes
Page   18 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description integrated Dual port Type C PD 3.0 (waiting for fast charging protocol output SOC IC

IP6566 Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP6566 Product details

1 Features
Ÿ Synchronous switch buck converter
 Built-in power MOS
 Input operating voltage range: 8.2 V to 32 V
 Output voltage range: 3 V to 12 V, according to fast charging protocol
auto-adjust
 Output voltage with line compensation function 50 mV /A
 The PD output has CV/CC characteristics (the output current is less than
set value, output CV mode; the output current is greater than the set value
fixed value, output CC mode)
 VIN=12V VOUT=5V 3A board-side conversion efficiency
to 9 3.8
 Dual-port fast charging output
Supports dual USB Type C output
Supports USB Type C and USB A output
Supports dual USB A output
 Any output port supports fast charging
 Dual-port automatic plug-in detection function
 Support Type C output interface and USB PD protocol
Supports 5V, 9V, 12V voltage output
 Support PD2.0/PD3.0 PPS output protocol
 PPS supports 3.3V 11 V 20mV/step voltage output
out
 Fast charging specifications
Supports 2 Type C PD port outputs
Supports 2 BC1.2 and Apple protocols
Supports 2 Qualcomm QC2.0 and QC3.0
Supports 2 Huawei fast charging protocols FCP
Supports 2 Huawei fast charging protocols S CP
Supports 2 Huawei fast charging protocol high voltage S CP
Supports 2 Samsung fast charging protocols AFC
Supports 2 Spreadtrum fast charging protocols S F CP
 Multiple protections and high reliability
Input overvoltage, input undervoltage, output short circuit, output overvoltage
Flow protection and over-temperature protection
 DP/DM/CC overvoltage protection
 CC PIN withstand voltage 30V
 ESD 4KV DC withstand voltage 4 0 V
2 applications
 Car charger
 Fast charging adapter
 Smart power strip
3 Introduction
IP
6566 is a buck converter with integrated synchronous switch, supporting
Supports multiple output fast charging protocols, supports Type C output and USB
Dual-port output SOC IC of PD 2.0/PD3.0(PPS) protocol is for car
On-board charger, fast charging adapter, smart power strip provide complete solution
plan.
IP
6566 supports dual USB Type C USB Type C and
USB A, or dual USB A output, integrated dual-port automatic plug-in and pull-out
Detection function, any one port can support fast charging output when used alone.
When the dual ports are used at the same time, both ports output 5V, and the total power is 5V 3.4 A.
IP
6566 built-in power MOS input voltage range is 8.2 V
to 32 V, the output voltage range is 3V to 12 V. The maximum
20 W output power, can automatically charge according to the recognized fast charging protocol
Adjust output voltage and current. IP 6566 output 5V 3A board end to
The exchange efficiency is as high as 93.8.
IP
The PD output of 6566 has CV/CC characteristics. When the output
When the current is less than the set value, the output is in CV mode and the output voltage is constant;
When the output current is greater than the set value, the output CC mode, the output voltage
reduce .
IP
The output voltage of 6566 has a line compensation function, and the output current increases
After the increase, the output voltage will be increased accordingly to compensate for the impedance of the connecting line.
voltage drop.
IP
6566 has a soft start function to prevent startup shock.
The impact current affects the stability of the input power supply.
IP
6566 has a variety of protection functions, including input overvoltage and undervoltage.
Protection, output over-current, over-voltage, under-voltage, short-circuit protection and other functions.
IP
The 6566 is available in a 4 4 mm QFN 28 package.




Similar Part No. - IP6566

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP6566_AA INJOINIC-IP6566_AA Datasheet
821Kb / 16P
20 W PD output integrates multiple fast charging output protocols
V1.5 2019
IP6566_AC INJOINIC-IP6566_AC Datasheet
821Kb / 16P
20 W PD output integrates multiple fast charging output protocols
V1.5 2019
IP6566_CC INJOINIC-IP6566_CC Datasheet
821Kb / 16P
20 W PD output integrates multiple fast charging output protocols
V1.5 2019
More results


Similar Description - IP6566

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP2112 INJOINIC-IP2112 Datasheet
1Mb / 12P
Single/dual USB port charging protocol IC
IP6502 INJOINIC-IP6502 Datasheet
662Kb / 10P
Output 2.4A, integrated SOC IC for DCP output protocol
IP6503 INJOINIC-IP6503 Datasheet
612Kb / 10P
Output 2.4A/3.1A, integrated SOC IC for DCP output protocol
logo
Fitipower Integrated Te...
FP6600Q FITIPOWER-FP6600Q Datasheet
401Kb / 8P
USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
FP6601Q FITIPOWER-FP6601Q Datasheet
491Kb / 8P
USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
logo
Shenzhen Huazhimei Semi...
HM261XX HMSEMI-HM261XX Datasheet
1Mb / 8P
Single/dual USB port charging protocol IC
HM1598 HMSEMI-HM1598 Datasheet
1Mb / 9P
Output 3.1A, SOC IC with integrated DCP output protocol
logo
SHOUDING Shouding Semic...
SFT430C SHOUDING-SFT430C Datasheet
1Mb / 6P
USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
logo
Shenzhen Huazhimei Semi...
HM6601Q HMSEMI-HM6601Q Datasheet
301Kb / 9P
USB Charging Port Controller for Fast Charging Protocol
HM1596A HMSEMI-HM1596A Datasheet
1,008Kb / 14P
18W PD output, integrated multiple fast charging output protocols
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com