Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5108 Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP5108 Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP5108
Download  IP5108 Download
File Size   1060.54 Kbytes
Page   16 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description 2A charging/2.4A discharging mobile power supply SOC with integrated digital tube driver

IP5108 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP5108 Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP5108
Download  IP5108 Click to download

File Size   1060.54 Kbytes
Page   16 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description 2A charging/2.4A discharging mobile power supply SOC with integrated digital tube driver

IP5108 Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP5108 Product details

1 Features
 Synchronized switch charging and discharging
 2A synchronous boost conversion
 Boost efficiency up to 93%
 Charging efficiency up to 92%
 Built-in power path management, supports charging and discharging at the same time
 Charging
 Automatically adjust charging current to match adapter output capability
 2A synchronous switch charging
Supports 4.20V, 4.30V, 4.35V and 4.4V batteries
 Battery display
 Built-in 14bit ADC and precise Coulomb calculation method
Supports 5/4/3/2/1 LED power or digital tube display
Supports external PIN to select the initial capacity of the battery cell
 Support battery capacity self-calibration
 Rich functions
 Built-in lighting driver
 Automatically detect load insertion/removal
 Low power consumption
 Intelligent identification of load and automatic standby
 Standby power consumption is less than 100 μA
 BOM minimalist
 Built-in power MOS, 1uH single inductor realizes charging and discharging
 Built-in various digital tube drive circuits
 Multiple protections and high reliability
 Output over-current, over-voltage and short-circuit protection
Input overvoltage, overcharge, overdischarge, overcurrent discharge protection
Complete machine over-temperature protection
 ESD 4KV, Vin DC withstand voltage up to 18V
 In-depth customization
 Flexible and low-cost customized solutions
 Package ESOP16

2 applications
 Mobile power bank/power bank
▶ Portable devices such as mobile phones and tablets
 Hydration device/Hand warmer
3 Introduction
IP5506 is an integrated boost converter and lithium battery charging tube
Multi-function power management SOC with management and battery power indication, for digital
Tube Display Power Bank provides a complete power solution.
The high integration and rich functions of IP5506 make it suitable for
Only a few peripheral components are required, and the size of the overall solution is effectively reduced.
Reduce BOM cost.
IP5506 only needs one inductor to realize the buck and boost functions.
The DC-DC converter operates at 500KHz and can support low-cost power
inductance and capacitance.
The IP5506's synchronous boost system provides a rated 2.4A output power
flow, and the conversion efficiency is as high as 93%. When no load, automatically enters sleep state
state, the quiescent current drops to less than 100uA.
IP5506 adopts switching charging technology and provides rated 2A charging
current, the charging efficiency is as high as 92%. Built-in IC temperature and input power
The voltage intelligently adjusts the charging current.
IP5506 has built-in 14bit ADC, which can accurately measure battery voltage.
and current. The IP5506’s built-in coulomb calculation provides accurate battery
Battery information.
IP5506 can support 5/4/3/2/1 LED power or digital tubes
Display and lighting flashlight functions.
IP5506 is available in ESOP16 package.




Similar Part No. - IP5108

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5108 INJOINIC-IP5108 Datasheet
1Mb / 9P
Integrated 7 protocols for fast charging protocol ICs for USB ports
IP5108 INJOINIC-IP5108 Datasheet
1,002Kb / 11P
Integrated 9 protocols for fast charging protocol ICs for USB ports
IP5108 INJOINIC-IP5108 Datasheet
976Kb / 10P
Integrated 8 protocols for fast charging protocol ICs for USB ports
IP5108 INJOINIC-IP5108 Datasheet
897Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
IP5108 INJOINIC-IP5108 Datasheet
905Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
More results


Similar Description - IP5108

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5209 INJOINIC-IP5209 Datasheet
1Mb / 14P
2.1A Charging 2.4A Discharge Integrated DCP Function Mobile Power SOC
logo
Shenzhen Huazhimei Semi...
HM5816 HMSEMI-HM5816 Datasheet
2Mb / 16P
Integrated digital tube driven 2A charging / 2.4 A discharge mobile power SOC
HM5905A HMSEMI-HM5905A Datasheet
1Mb / 8P
2.1A charging 2.4 A discharging Highly integrated mobile power SOC
HM5905B HMSEMI-HM5905B Datasheet
1Mb / 9P
1.2A charging 1.0 A discharging Highly integrated mobile power SOC
HM5929 HMSEMI-HM5929 Datasheet
935Kb / 13P
3A charging 2.4A discharging Integrated DCP function mobile power SOC
HM5919 HMSEMI-HM5919 Datasheet
2Mb / 13P
3A charging 2.4A discharging Highly integrated mobile power SOC
HM5918B HMSEMI-HM5918B Datasheet
2Mb / 11P
1.5 A charging 2 A discharging Highly integrated mobile power SOC
HM5918 HMSEMI-HM5918 Datasheet
2Mb / 12P
2.5A charging 2 A discharging Highly integrated mobile power SOC
HM5915 HMSEMI-HM5915 Datasheet
941Kb / 12P
1.2A charging 1 A discharging Highly integrated mobile power SOC
HM5908A HMSEMI-HM5908A Datasheet
1Mb / 8P
1.2A charging 1.0 A discharging Highly integrated mobile power SOC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com