Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR9431 Datasheet (PDF) - Sharp Corporation

IR9431 Datasheet PDF - Sharp Corporation
Part # IR9431
Download  IR9431 Download
File Size   95.7 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Adjustable Precision Shunt Regulator

IR9431 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR9431 Datasheet PDF - Sharp Corporation

Part # IR9431
Download  IR9431 Click to download

File Size   95.7 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Adjustable Precision Shunt Regulator

IR9431 Datasheet (HTML) - Sharp Corporation


IR9431 Product details

M Description

The IR9431/IR9431N is a shunt regulator IC -
which adjusts output voltages from 2.5 to 36V
through external resistors over the entire operating
temperature range. It has a typical dynamic output
impedances of 0.2Q. Active output circuitry pro-
vides a very sharp turn-on characteristics making it .
excellent replacemens for zener diodes in many ap-
plications.

Bl Features
1. Temperature stability 50ppm/C (TYP.)
2. Adjustable output voltage
3. Fast turn-on response
4. Low dynamic output impedance 0.2Q (TYP.)
5. Low output noise voltage
6. 8-pin dual-in-line package (IR9431)
8-pin small-outline package (IR9431N)




Similar Part No. - IR9431

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IR94558 SHARP-IR94558 Datasheet
120Kb / 3P
Low Noise Dual Operation Amplifier
IR94558N SHARP-IR94558N Datasheet
120Kb / 3P
Low Noise Dual Operation Amplifier
IR94559 SHARP-IR94559 Datasheet
120Kb / 3P
Low Noise Dual Operation Amplifier
IR94559N SHARP-IR94559N Datasheet
120Kb / 3P
Low Noise Dual Operation Amplifier
More results


Similar Description - IR9431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com