Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT8518 Datasheet (PDF) - ITECH ELECTRONIC CO.,LTD.

IT8518 Datasheet PDF - ITECH ELECTRONIC CO.,LTD.
Part # IT8518
Download  IT8518 Download
File Size   1011.28 Kbytes
Page   44 Pages
Manufacturer  ITECH [ITECH ELECTRONIC CO.,LTD.]
Direct Link  https://www.itechate.com/
Logo ITECH - ITECH ELECTRONIC CO.,LTD.
Description Programmable DC Electronic Load

IT8518 Datasheet (PDF)

Go To PDF Page Download Datasheet
IT8518 Datasheet PDF - ITECH ELECTRONIC CO.,LTD.

Part # IT8518
Download  IT8518 Click to download

File Size   1011.28 Kbytes
Page   44 Pages
Manufacturer  ITECH [ITECH ELECTRONIC CO.,LTD.]
Direct Link  https://www.itechate.com/
Logo ITECH - ITECH ELECTRONIC CO.,LTD.
Description Programmable DC Electronic Load

IT8518 Datasheet (HTML) - ITECH ELECTRONIC CO.,LTD.


IT8518 Product details

Options and Accessories
Options
IT-E131 isolated communication cable: This cable converts the electronic load’s series port (TTL 5V level) to PC RS232 interface.
IT-E132 isolated communication cable: This cable converts the electronic load’s series port (TTL 5V level) to PC USB interface.
IT-E134 isolated communication cable: This cable converts the electronic load’s series port(TTL 5V level) to PC GPIB interface.
Accessories Power cord User’s manual
Software CD-Rom (if you buy the communication cable, you’ll get it for free) Calibration testing report
Description
The IT8500 series electronic load is used for design, manufacturing, and evaluation of DC
power supplies, batteries, and power components and so on. The electronic load contains a processor, serial port connector, front-panel keypad and VFD, and other circuits common
to the other entire load module.IT8500 series electronic load could work in constant current
(CC) mode, constant voltage (CV) mode, or constant resistance (CR) mode and constant power(CW) mode.
Features and Capabilities
• High accuracy and high resolution
• Capable to work with constant current (CC), constant voltage (CV), constant resistance (CR) mode and constant power (CW) operation.
• Serial port interface-DB9-RS232 port.
• Triggered input and measurement functions.
• Within the controlled keypad in the front panel
• Built-in pulse generator for continuous, pulsed, and toggled transient mode operation.
• Over voltage, over current, overpower, and over temperature protection.
• Fan speed control by temperature.
• VFD display
• Short circuit test
• Battery testing function.




Similar Part No. - IT8518

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IT851 ETC2-IT851 Datasheet
2Mb / 284P
Embedded Controller
5/6/2005
IT8510E ETC2-IT8510E Datasheet
2Mb / 284P
Embedded Controller
5/6/2005
IT8510G ETC2-IT8510G Datasheet
2Mb / 284P
Embedded Controller
5/6/2005
IT8510TE ETC2-IT8510TE Datasheet
2Mb / 284P
Embedded Controller
5/6/2005
logo
ITECH ELECTRONIC CO.,LT...
IT8511G+ ITECH-IT8511G+ Datasheet
2Mb / 12P
IT8500G series Programmable DC Electronic Load
More results


Similar Description - IT8518

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSI32F8030 ETC1-SSI32F8030 Datasheet
65Kb / 10P
Programmable Electronic Filter
logo
Keysight Technologies
BENCHVUEELA KEYSIGHT-BENCHVUEELA Datasheet
1Mb / 5P
BenchVue Electronic Load App
logo
PHOENIX CONTACT
101764 PHOENIX-101764 Datasheet
68Kb / 5P
Electronic Reversing-Load Relay for DC Motors
logo
TEKTRONIX, INC.
2380 TEKTRONIX-2380 Datasheet
544Kb / 5P
Programmable DC Electronic Loads
logo
B&K Precision Corporati...
MDL200 BK-MDL200 Datasheet
4Mb / 6P
Modular Programmable DC Electronic Load
8600 BK-8600 Datasheet
2Mb / 8P
Programmable DC Electronic Loads
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
Electronic Load Capable of 310mA
Rev 0; 10/20
logo
List of Unclassifed Man...
PEL-500 ETC-PEL-500 Datasheet
1Mb / 6P
DC Electronic Load
logo
ITECH ELECTRONIC CO.,LT...
IT8211 ITECH-IT8211 Datasheet
72Kb / 1P
DC Power Sources DC Electronic Load
IT8500G ITECH-IT8500G Datasheet
2Mb / 12P
IT8500G series Programmable DC Electronic Load
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com