Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1577 Datasheet (PDF) - Nanjing International Group Co

2SA1577 Datasheet PDF - Nanjing International Group Co
Part # 2SA1577
Download  2SA1577 Download
File Size   1861.87 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SOT-323 Plastic-Encapsulate Transistors

2SA1577 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1577 Datasheet PDF - Nanjing International Group Co

Part # 2SA1577
Download  2SA1577 Click to download

File Size   1861.87 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SOT-323 Plastic-Encapsulate Transistors

2SA1577 Datasheet (HTML) - Nanjing International Group Co


2SA1577 Product details

FEATURES
Large ICMax.=-500mA
Low VCE(sat).Ideal for low-voltage operation.
Complements the 2SC4097.




Similar Part No. - 2SA1577

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1577 ROHM-2SA1577 Datasheet
78Kb / 4P
Medium Power Transistor (-32V, -0.5A)
logo
Guangdong Kexin Industr...
2SA1577 KEXIN-2SA1577 Datasheet
46Kb / 1P
Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SA1577 SECOS-2SA1577 Datasheet
227Kb / 3P
PNP Silicon General Purpose Transistor
logo
Rohm
2SA1577 ROHM-2SA1577 Datasheet
167Kb / 3P
Medium Power Transistor (-32V, -05A)
2SA1577 ROHM-2SA1577 Datasheet
1Mb / 8P
Medium Power Transistor (-32V, -500mA)
More results


Similar Description - 2SA1577

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SC3930 JIANGSU-2SC3930 Datasheet
541Kb / 3P
SOT-323 Plastic-Encapsulate Transistors
2SC4098 JIANGSU-2SC4098 Datasheet
695Kb / 3P
SOT-323 Plastic-Encapsulate Transistors
2SC4102 JIANGSU-2SC4102 Datasheet
1Mb / 4P
SOT-323 Plastic-Encapsulate Transistors
2SC4116 JIANGSU-2SC4116 Datasheet
873Kb / 4P
SOT-323 Plastic-Encapsulate Transistors
2PD601AW JIANGSU-2PD601AW Datasheet
1Mb / 3P
SOT-323 Plastic-Encapsulate Transistors
2SA1577 JIANGSU-2SA1577 Datasheet
794Kb / 4P
SOT-323 Plastic-Encapsulate Transistors
2SA1579 JIANGSU-2SA1579 Datasheet
846Kb / 4P
SOT-323 Plastic-Encapsulate Transistors
2SA1586 JIANGSU-2SA1586 Datasheet
852Kb / 4P
SOT-323 Plastic-Encapsulate Transistors
KTA2015 JIANGSU-KTA2015 Datasheet
733Kb / 3P
SOT-323 Plastic-Encapsulate Transistors
MMST4403 JIANGSU-MMST4403 Datasheet
844Kb / 4P
SOT-323 Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com