Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB834 Datasheet (PDF) - Nanjing International Group Co

2SB834 Datasheet PDF - Nanjing International Group Co
Part # 2SB834
Download  2SB834 Download
File Size   1404.17 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description TO-220-3L Plastic-Encapsulate Transistors

2SB834 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB834 Datasheet PDF - Nanjing International Group Co

Part # 2SB834
Download  2SB834 Click to download

File Size   1404.17 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description TO-220-3L Plastic-Encapsulate Transistors

2SB834 Datasheet (HTML) - Nanjing International Group Co


2SB834 Product details

FEATURES
Low Collector -Emitter Saturation Voltage
VCE(sat)=1.0V(Max)@ IC=-3A,IB=-0.3A
DC current Gain
hFE =60-200@ IC=0.5A
Complementary to NPN 2SD880




Similar Part No. - 2SB834

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB834 MOSPEC-2SB834 Datasheet
118Kb / 3P
POWER TRANSISTORS(3.0A,60V,30W)
logo
Wing Shing Computer Com...
2SB834 WINGS-2SB834 Datasheet
26Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
TRANSYS Electronics Lim...
2SB834 TEL-2SB834 Datasheet
65Kb / 1P
Plastic-Encapsulated Transistors
logo
Savantic, Inc.
2SB834 SAVANTIC-2SB834 Datasheet
132Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB834 JMNIC-2SB834 Datasheet
194Kb / 4P
Silicon PNP Power Transistors
More results


Similar Description - 2SB834

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
TIP127 DGNJDZ-TIP127 Datasheet
1Mb / 2P
TO-220-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB507 JIANGSU-2SB507 Datasheet
361Kb / 2P
TO-220-3L Plastic-Encapsulate Transistors
2SB861 JIANGSU-2SB861 Datasheet
1Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
2SB1185 JIANGSU-2SB1185 Datasheet
549Kb / 2P
TO-220-3L Plastic-Encapsulate Transistors
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
TO-220 -3L Plastic-Encapsulate Transistors
2SD2137A JIANGSU-2SD2137A Datasheet
570Kb / 2P
TO-220-3L Plastic-Encapsulate Transistors
2SA1012 JIANGSU-2SA1012 Datasheet
3Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
TIP42 JIANGSU-TIP42 Datasheet
1Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
TIP147 DGNJDZ-TIP147 Datasheet
1Mb / 4P
TO-220-3L Plastic-Encapsulate Transistors
2SB1185 DGNJDZ-2SB1185 Datasheet
1Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com