Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP410 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TFP410 Datasheet PDF - Texas Instruments
Part # TFP410
Download  TFP410 Download
File Size   3554.79 Kbytes
Page   42 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TFP410 TI PanelBus™ Digital Transmitter

TFP410 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFP410 Datasheet PDF - Texas Instruments

Part # TFP410
Download  TFP410 Click to download

File Size   3554.79 Kbytes
Page   42 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TFP410 TI PanelBus™ Digital Transmitter

TFP410 Datasheet (HTML) - Texas Instruments


TFP410 Product details

1 Features
1• Digital Visual Interface (DVI) Compliant(1)
• Supports Pixel Rates up to 165 MHz (Including
1080 p and WUXGA at 60 Hz)
• Universal Graphics Controller Interface
– 12-Bit, Dual-Edge and 24-Bit, Single-Edge
Input Modes
– Adjustable 1.1 V to 1.8 V and Standard 3.3 V
CMOS Input Signal Levels
– Fully Differential and Single-Ended Input
Clocking Modes
– Standard Intel 12-Bit Digital Video Port
Compatible as on Intel™ 81x Chipsets flat•
Enhanced PLL Noise Immunity
– On-Chip Regulators and Bypass Capacitors for
Reducing System Costs
• Enhanced Jitter Performance
– No HSYNC Jitter Anomaly
– Negligible Data-Dependent Jitter
• Programmable Using I2C Serial Interface
• Monitor Detection Through Hot-Plug and Receiver
Detection
• Single 3.3-V Supply Operation
• 64-Pin TQFP Using TI’s PowerPAD™ Package
• TI’s Advanced 0.18-μm EPIC-5™ CMOS Process
Technology
• Pin Compatible With SiI164 DVI Transmitter
(1) The digital visual interface (DVI) specification is an industry
standard developed by the digital display working group
(DDWG) for high-speed digital connection to digital displays
and has been adopted by industry-leading PC and consumer
electronics manufacturers. The TFP410 is compliant to the
DVI Revision 1.0 specification.

2 Applications
• DVD
• Blu-ray
• HD Projectors
• DVI/HDMI Transmitter(2)
(2) HDMI video-only

3 Description
The TFP410 device is a Texas Instruments
PanelBus™ flat-panel display product, part of a comprehensive family of end-to-end DVI 1.0-
compliant solutions, targeted at the PC and consumer
electronics industry.
The TFP410 device provides a universal interface to
allow a glueless connection to most commonly
available graphics controllers. Some of the
advantages of this universal interface include
selectable bus widths, adjustable signal levels, and differential and single-ended clocking. The adjustable
1.1-V to 1.8-V digital interface provides a low-EMI,
high-speed bus that connects seamlessly with 12-bit
or 24-bit interfaces. The DVI interface supports flat•
panel display resolutions up to UXGA at 165 MHz in
24-bit true color pixel format.
The TFP410 device combines PanelBus circuit
innovation with TI’s advanced 0.18 μm EPIC-5 CMOS process technology and TI’s ultralow ground
inductance PowerPAD package. The result is a
compact 64-pin TQFP package providing a reliable,
low-current, low-noise, high-speed digital interface
solution.




Similar Part No. - TFP410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP410 TI-TFP410 Datasheet
378Kb / 26P
TI PANEL BUS DIGITAL TRANSMITTER
TFP410-EP TI1-TFP410-EP Datasheet
878Kb / 31P
PanelBus??DIGITAL TRANSMITTER
TFP410-EP TI1-TFP410-EP Datasheet
885Kb / 31P
PanelBus DIGITAL TRANSMITTER
TFP410-EP TI1-TFP410-EP_16 Datasheet
885Kb / 31P
PanelBus DIGITAL TRANSMITTER
TFP410MPAPREP TI1-TFP410MPAPREP Datasheet
878Kb / 31P
PanelBus??DIGITAL TRANSMITTER
More results


Similar Description - TFP410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP401 TI-TFP401 Datasheet
303Kb / 19P
TI PanelBus DIGITAL RECEIVER
TFP410 TI-TFP410 Datasheet
378Kb / 26P
TI PANEL BUS DIGITAL TRANSMITTER
TFP510 TI-TFP510 Datasheet
399Kb / 27P
TI PANEL BUS DIGITAL TRANSMITTER
TFP513 TI-TFP513 Datasheet
424Kb / 29P
TI PANELBUS DIGITAL TRANSMITTER
TFP401A-EP TI-TFP401A-EP Datasheet
509Kb / 21P
TI PanelBus??DIGITAL RECEIVER
TFP410-EP TI1-TFP410-EP Datasheet
878Kb / 31P
PanelBus??DIGITAL TRANSMITTER
SLDS145B TI-SLDS145B Datasheet
544Kb / 29P
TFP410 TI PanelBus DIGITAL TRANSMITTER
TFP401A-Q1 TI-TFP401A-Q1 Datasheet
892Kb / 23P
TI PanelBus DIGITAL RECEIVER
TFP401 TI1-TFP401_16 Datasheet
2Mb / 32P
TFP401x TI PanelBus Digital Receiver
TFP410-EP TI1-TFP410-EP_16 Datasheet
885Kb / 31P
PanelBus DIGITAL TRANSMITTER
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com