Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC69600-Q1 Datasheet (PDF) - Texas Instruments

TLC69600-Q1 Datasheet PDF - Texas Instruments
Part # TLC69600-Q1_V02
Download  TLC69600-Q1 Download
File Size   1496.45 Kbytes
Page   10 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLC696x0-Q1 Automotive Scan MOSFET Controller for TLC696x2/4/8-Q1

TLC69600-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC69600-Q1 Datasheet PDF - Texas Instruments

Part # TLC69600-Q1_V02
Download  TLC69600-Q1 Click to download

File Size   1496.45 Kbytes
Page   10 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLC696x0-Q1 Automotive Scan MOSFET Controller for TLC696x2/4/8-Q1

TLC69600-Q1 Datasheet (HTML) - Texas Instruments


TLC69600-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: –40°C to +125°C,
TA
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Functional Safety-Capable:
– Documentation available to aid functional safety
system design
• Full array local dimming topology:
– Support up to 1024 devices cascaded
• Operating voltage VCC range: 3 V to 5.5 V
• Flexible P-MOSFET driving options:
– Maximum channel current / voltage:
• 30 mA / 20 V: TLC69600-Q1
• 60 mA / 20 V: TLC69610-Q1
• 30 mA / 50 V: TLC69650-Q1
• 60 mA / 50 V: TLC69660-Q1
– Global 8-bit Maximum Current (MC) setting
– Individual 8-bit Channel Current (CC) setting
• High speed daisy chain interface:
– I/O voltage compatible with: 1.8 V / 3.3 V
– Data transfer rate: up to 20 MHz
• EMI enhancement:
– Programmable interface driving capability
• Diagnostics:
– Device thermal shutdown detection
– Report interface option:
• UART and interrupt pin (INT)
• Two-wire output: CLK_O and SOUT

2 Applications
• LCD local dimming backlight:
– Automotive Central Information Display
– Automotive Cluster Display
– Automotive Head-up Display

3 Description
TLC696x0-Q1 is a scan MOSFET controller
compatible with current-sink driver TLC696x2/4/8-Q1
to achieve 2/4/8 time-multiplexing control. Each
device integrates with 16 constant current sinks for
up to 8 scan MOSFETs control. The device equips
with ghost-cancellation function to eliminate upside
ghosting.
To optimize system efficiency, the device is equipped
with adaptive headroom voltage control scheme to
directly control DC/DC. Only the FB pin from last
device in serial chain should be connected to DC/DC
to achieve simplified system layout. The device also
integrates minimum brightness update latency, black
insertion and VRR features to improve display quality.
TLC696x0-Q1 has three error flags: LED open
detection (LOD), LED short detection (LSD) and
thermal shutdown detection (TSD) for diagnostic. The
device implements two options for readback including
UART/INT and SOUT/CLK_O which is programmable
by register.




Similar Part No. - TLC69600-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC69600-Q1 TI1-TLC69600-Q1_V01 Datasheet
1Mb / 10P
TLC696x0-Q1 Automotive Scan MOSFET Controller for TLC696x2/4/8-Q1
JUNE 2023
More results


Similar Description - TLC69600-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC230S-Q1 TI-DLPC230S-Q1 Datasheet
2Mb / 77P
DLPC230S-Q1 Automotive DMD Controller for the DLP553x-Q1 Chipset
TLC69600 TI-TLC69600 Datasheet
850Kb / 10P
TLC696x0 Scan MOSFET Controller for TLC696x2/4/8
APRIL 2023
TLC69600 TI-TLC69600_V01 Datasheet
850Kb / 10P
TLC696x0 Scan MOSFET Controller for TLC696x2/4/8
APRIL 2023
TLC69602-Q1 TI-TLC69602-Q1 Datasheet
1Mb / 8P
TLC696x2/4/8-Q1 16-Channel, 2/4/8 Time-Multiplexing, Automotive Local Dimming Backlight LED Driver
JUNE 2023
TLC69600-Q1 TI-TLC69600-Q1 Datasheet
1Mb / 9P
TLC696x0-Q1 Automotive Scan MOSFET Controller for TLC696x2/4/8-Q1
JUNE 2023
TLC69602-Q1 TI-TLC69602-Q1_V01 Datasheet
1Mb / 8P
TLC696x2/4/8-Q1 16-Channel, 2/4/8 Time-Multiplexing, Automotive Local Dimming Backlight LED Driver
JUNE 2023
TLC69600-Q1 TI1-TLC69600-Q1_V01 Datasheet
1Mb / 10P
TLC696x0-Q1 Automotive Scan MOSFET Controller for TLC696x2/4/8-Q1
JUNE 2023
DLPC230-Q1 TI1-DLPC230-Q1_V01 Datasheet
3Mb / 75P
DLPC23x-Q1 Automotive DMD Controller
REVISED AUGUST 2023
DLPC230S-Q1 TI1-DLPC230S-Q1_V01 Datasheet
3Mb / 75P
DLPC23xS-Q1 Automotive DMD Controller
REVISED AUGUST 2023
TLC69602-Q1 TI1-TLC69602-Q1_V02 Datasheet
1Mb / 10P
TLC696x2/4/8-Q1 16-Channel, 2/4/8 Time-Multiplexing, Automotive Local Dimming Backlight LED Driver
JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com