Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7612 Datasheet (PDF) - Texas Instruments

TMUX7612 Datasheet PDF - Texas Instruments
Part # TMUX7612
Download  TMUX7612 Download
File Size   1876.53 Kbytes
Page   34 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic

TMUX7612 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX7612 Datasheet PDF - Texas Instruments

Part # TMUX7612
Download  TMUX7612 Click to download

File Size   1876.53 Kbytes
Page   34 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic

TMUX7612 Datasheet (HTML) - Texas Instruments


TMUX7612 Product details

1 Features
• Dual supply range: ±4.5 V to ±25 V
• Single supply range: 4.5 V to 50 V
• Asymmetric dual supply support (For example:
VDD = 37.5 V, VSS = 12.5 V)
• Precision performance:
– Low on-resistance: 1.35 Ω (typical)
– Low capacitance: 35 pF (typical)
– Ultra-low on-resistance flatness: 0.01 Ω
(typical)
– High current support: 470 mA (maximum)
– Low on-leakage current: 3.7 pA (typical), 0.5 nA
(maximum)
– Low off-leakage current: 30 pA (typical), 0.25
nA (maximum)
– Ultra-low charge injection: 10 pC (typical)
• –40°C to +125°C operating temperature
• Rail-to-rail operation
• Bidirectional operation
• Break-before-make switching

2 Applications
• Semiconductor test equipment
• SSR and photorelay replacement
• Automated test equipment
• LCD test equipment
• Memory test equipment
• Programmable logic controllers (PLC)
• Factory automation and control
• Instrumentation: lab, analytical, and portable
• Data acquisition systems (DAQ)
• Optical test equipment

3 Description
The TMUX7612 is a complementary metal-oxide
semiconductor (CMOS) switch device with four
independently selectable 1:1, single-pole, single-throw
(SPST) switch channels. The device works with a
single supply (4.5 V to 50 V), dual supplies
(±4.5 V to ±25 V), or asymmetric supplies (such
as VDD = 37.5 V, VSS = –12.5 V). The TMUX7612
supports bidirectional analog and digital signals on the
source (Sx) and drain (Dx) pins ranging from VSS to
VDD.
The switches of the TMUX7612 are controlled with
appropriate logic control inputs on the SELx pins.
The TMUX7612 features a special architecture which
allows for ultra-low charge injection. This feature
helps prevent unwanted coupling from the control
input to the analog output of the device and reduces
AC noise and offset errors.
The TMUX7612 is a part of the precision switches and
multiplexers family of devices and have very low on
and off leakage currents allowing them to be used in
high precision measurement applications.




Similar Part No. - TMUX7612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7612 TI-TMUX7612 Datasheet
1Mb / 38P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
TMUX7612 TI-TMUX7612 Datasheet
2Mb / 54P
TMUX7612 50V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
DECEMBER 2024
TMUX7612-Q1 TI-TMUX7612-Q1 Datasheet
1Mb / 32P
TMUX7612-Q1 Automotive 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
TMUX7612PWR TI-TMUX7612PWR Datasheet
2Mb / 54P
TMUX7612 50V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
DECEMBER 2024
TMUX7612RUMR TI-TMUX7612RUMR Datasheet
2Mb / 54P
TMUX7612 50V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
DECEMBER 2024
More results


Similar Description - TMUX7612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6211 TI-TMUX6211 Datasheet
909Kb / 26P
TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
TMUX7211 TI-TMUX7211 Datasheet
2Mb / 40P
TMUX721x 44-V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7211 TI-TMUX7211_V01 Datasheet
2Mb / 42P
TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX6234 TI-TMUX6234 Datasheet
1Mb / 36P
TMUX6234 36 V, Low Ron, 2:1, 4 Channel Precision Switches with 1.8 V Logic
AUGUST 2021
TMUX6234 TI1-TMUX6234_V01 Datasheet
1Mb / 42P
TMUX6234 36 V, Low Ron, 2:1, 4 Channel Precision Switches with 1.8 V Logic
REVISED DECEMBER 2022
TMUX6201 TI-TMUX6201 Datasheet
1Mb / 41P
TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
REVISED MARCH 2023
TMUX6221 TI-TMUX6221 Datasheet
1Mb / 36P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
MARCH 2023
TMUX6221 TI-TMUX6221_V01 Datasheet
1Mb / 35P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
REVISED SEPTEMBER 2023
TMUX7612-Q1 TI-TMUX7612-Q1 Datasheet
1Mb / 32P
TMUX7612-Q1 Automotive 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
TMUX7612 TI-TMUX7612_V01 Datasheet
1Mb / 38P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com