Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N38M Datasheet (PDF) - ON Semiconductor

4N38M Datasheet PDF - ON Semiconductor
Part # 4N38M
Download  4N38M Download
File Size   339.94 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6-Pin DIP High Voltage Phototransistor Optocouplers

4N38M Datasheet (PDF)

Go To PDF Page Download Datasheet
4N38M Datasheet PDF - ON Semiconductor

Part # 4N38M
Download  4N38M Click to download

File Size   339.94 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6-Pin DIP High Voltage Phototransistor Optocouplers

4N38M Datasheet (HTML) - ON Semiconductor


4N38M Product details

Description
The 4N38M, H11D1M, H11D3M and MOC8204M are
phototransistor−type optically coupled optoisolators. A gallium
arsenide infrared emitting diode is coupled with a high voltage NPN
silicon phototransistor. The device is supplied in a standard plastic
six−pin dual−in−line package.

Features
• High Voltage:
♦ MOC8204M, BVCEO = 400 V
♦ H11D1M, BVCEO = 300 V
♦ H11D3M, BVCEO = 200 V
• Safety and Regulatory Approvals:
♦ UL1577, 4,170 VACRMS for 1 Minute
• DIN−EN/IEC60747−5−5, 850 V Peak Working Insulation Voltage

Applications
• Power Supply Regulators
• Digital Logic Inputs
• Microprocessor Inputs
• Appliance Sensor Systems
• Industrial Controls




Similar Part No. - 4N38M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N38M FAIRCHILD-4N38M Datasheet
228Kb / 9P
High Voltage Phototransistor Optocouplers
4N38M FAIRCHILD-4N38M Datasheet
249Kb / 9P
High Voltage Phototransistor Optocouplers
4N38M FAIRCHILD-4N38M Datasheet
249Kb / 9P
High Voltage Phototransistor Optocouplers
4N38M FAIRCHILD-4N38M Datasheet
249Kb / 9P
High Voltage Phototransistor Optocouplers
4N38M FAIRCHILD-4N38M Datasheet
249Kb / 9P
High Voltage Phototransistor Optocouplers
More results


Similar Description - 4N38M

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
CNX35U FAIRCHILD-CNX35U Datasheet
146Kb / 8P
6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500SD FAIRCHILD-SL5500SD Datasheet
524Kb / 10P
6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ON Semiconductor
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
H11G1M ONSEMI-H11G1M Datasheet
397Kb / 10P
6-Pin DIP High Voltage Photodarlington Optocouplers
July, 2020 ??Rev. 2
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
CNY17 ONSEMI-CNY17 Datasheet
372Kb / 12P
6-Pin DIP High BVCEO Phototransistor Optocouplers
December, 2022 - Rev. 3
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com