Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2531M Datasheet (PDF) - ON Semiconductor

HCPL2531M Datasheet PDF - ON Semiconductor
Part # HCPL2531M
Download  HCPL2531M Download
File Size   522.9 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Pin DIP High Speed Transistor Optocouplers

HCPL2531M Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL2531M Datasheet PDF - ON Semiconductor

Part # HCPL2531M
Download  HCPL2531M Click to download

File Size   522.9 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Pin DIP High Speed Transistor Optocouplers

HCPL2531M Datasheet (HTML) - ON Semiconductor


HCPL2531M Product details

Description
The 6N135M, 6N136M, HCPL4503M, HCPL2530M, and
HCPL2531M optocouplers consist of an AlGaAs LED optically
coupled to a high speed photodetector transistor for each channel.
A separate connection for the bias of the photodiode improves the
speed by several orders of magnitude over conventional
phototransistor optocouplers by reducing the base−collector
capacitance of the input transistor.
The HCPL4503M has no internal connection to the phototransistor
base for improved noise immunity. An internal noise shield provides
superior common mode rejection of up to 50,000 V/s.

Features
• High Speed – 1 MBit/s
• Dual−Channel: HCPL2530M, HCPL2531M
• CTR Guaranteed 0°C to 70°C
• No Base Connection for Improved Noise Immunity (HCPL4503M)
• Superior CMR of 15,000 V/s Minimum (HCPL4503M)
• Safety and Regulatory Approvals
♦ UL1577, 5,000 VACRMS for 1 Minute
♦ DIN EN/IEC60747−5−5
• These are Pb−Free Devices

Applications
• Line Receivers
• Pulse Transformer Replacement
• Output Interface to CMOS−LSTTL−TTL
• Wide−Bandwidth Analog Coupling




Similar Part No. - HCPL2531M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL2531M FAIRCHILD-HCPL2531M Datasheet
363Kb / 13P
High Speed Transistor Optocouplers
HCPL2531M FAIRCHILD-HCPL2531M Datasheet
422Kb / 15P
Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
More results


Similar Description - HCPL2531M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11N1 FAIRCHILD-H11N1 Datasheet
523Kb / 9P
6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL0630 HP-HCPL0630 Datasheet
162Kb / 10P
Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
logo
Fairchild Semiconductor
H11N1-M FAIRCHILD-H11N1-M_05 Datasheet
522Kb / 9P
6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135 Datasheet
981Kb / 14P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
EL450X EVERLIGHT-EL450X Datasheet
981Kb / 14P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
logo
Fairchild Semiconductor
H11N1M FAIRCHILD-H11N1M Datasheet
248Kb / 10P
6-Pin DIP High Speed Logic Optocouplers
logo
ISOCOM COMPONENTS
ICPL4502 ISOCOM-ICPL4502_09 Datasheet
441Kb / 13P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
Fairchild Semiconductor
H11N2M FAIRCHILD-H11N2M Datasheet
248Kb / 10P
6-Pin DIP High Speed Logic Optocouplers
logo
ON Semiconductor
FOD819 ONSEMI-FOD819 Datasheet
269Kb / 11P
FOD819 4-Pin DIP High Speed Phototransistor Optocouplers
July, 2018 ??Rev. 2
6N137M ONSEMI-6N137M Datasheet
644Kb / 18P
8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
June, 2021 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com