Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MID400 Datasheet (PDF) - ON Semiconductor

MID400 Datasheet PDF - ON Semiconductor
Part # MID400
Download  MID400 Download
File Size   357.68 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description AC Line Monitor Logic-Out Device

MID400 Datasheet (PDF)

Go To PDF Page Download Datasheet
MID400 Datasheet PDF - ON Semiconductor

Part # MID400
Download  MID400 Click to download

File Size   357.68 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description AC Line Monitor Logic-Out Device

MID400 Datasheet (HTML) - ON Semiconductor


MID400 Product details

Description
The MID400 is an optically isolated AC line−to−logic interface
device. It is packaged in an 8−lead plastic DIP. The AC line voltage is
monitored by two back−to−back GaAs LED diodes in series with an
external resistor. A high gain detector circuit senses the LED current
and drives the output gate to a logic low condition.
The MID400 has been designed solely for the use as an AC line
monitor. It is recommended for use in any AC−to−DC control
application where excellent optical isolation, solid state reliability,
TTL compatibility, small size, low power, and low frequency
operations are required.

Features
• Direct Operation from any Line Voltage with the Use of an External
Resistor
• Externally Adjustable Time Delay
• Externally Adjustable AC Voltage Sensing Level
• Logic Level Compatibility
• Safety and Regulatory Approvals:
♦ UL1577, 2,500 VACRMS for 1 Minute
♦ DIN−EN/IEC60747−5−5, 630 V Peak Working Insulation Voltage

Applications
• Monitoring of the AC/DC “Line−down” Condition
• “Closed−loop” Interface between Electromechanical Elements such
as Solenoids, Relay Contacts, Small Motors, and Microprocessors
• Time Delay Isolation Switch




Similar Part No. - MID400

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MID400 QT-MID400 Datasheet
482Kb / 6P
AC LINE MONITOR LOGIC-OUT DEVICE
logo
Fairchild Semiconductor
MID400 FAIRCHILD-MID400 Datasheet
555Kb / 11P
AC LINE MONITOR LOGIC-OUT DEVICE
MID400 FAIRCHILD-MID400 Datasheet
538Kb / 11P
AC Line Monitor Logic-Out Device
logo
IXYS Corporation
MID400-12E4 IXYS-MID400-12E4 Datasheet
81Kb / 2P
IGBT Module
logo
Fairchild Semiconductor
MID400S FAIRCHILD-MID400S Datasheet
538Kb / 11P
AC Line Monitor Logic-Out Device
More results


Similar Description - MID400

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
4N25 TOSHIBA-4N25 Datasheet
324Kb / 6P
PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
4N35 TOSHIBA-4N35 Datasheet
333Kb / 6P
PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
4N38 TOSHIBA-4N38 Datasheet
307Kb / 6P
PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
logo
QT Optoelectronics
MID400 QT-MID400 Datasheet
482Kb / 6P
AC LINE MONITOR LOGIC-OUT DEVICE
logo
Fairchild Semiconductor
MID400 FAIRCHILD-MID400 Datasheet
555Kb / 11P
AC LINE MONITOR LOGIC-OUT DEVICE
MID400 FAIRCHILD-MID400_06 Datasheet
538Kb / 11P
AC Line Monitor Logic-Out Device
logo
Murata Manufacturing Co...
DMS-LM3 MURATA-DMS-LM3 Datasheet
172Kb / 2P
Self-Powered LED Display 480V AC Line Monitor
logo
API Technologies Corp
MS3C APITECH-MS3C Datasheet
226Kb / 1P
OUT LINE MS3C
MS3BL APITECH-MS3BL Datasheet
195Kb / 1P
OUT LINE, MS3BL
MS2TB APITECH-MS2TB Datasheet
183Kb / 1P
OUT LINE, MS2TB
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com