Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOCD207M Datasheet (PDF) - ON Semiconductor

MOCD207M Datasheet PDF - ON Semiconductor
Part # MOCD207M
Download  MOCD207M Download
File Size   238.12 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-pin SOIC Dual-Channel Phototransistor Output Optocoupler

MOCD207M Datasheet (PDF)

Go To PDF Page Download Datasheet
MOCD207M Datasheet PDF - ON Semiconductor

Part # MOCD207M
Download  MOCD207M Click to download

File Size   238.12 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-pin SOIC Dual-Channel Phototransistor Output Optocoupler

MOCD207M Datasheet (HTML) - ON Semiconductor


MOCD207M Product details

These devices consist of two gallium arsenide infrared emitting
diodes optically coupled to two monolithic silicon phototransistor
detectors, in a surface mountable, small outline, plastic package. They
are ideally suited for high−density applications, and eliminate the need
for through−the−board mounting.

Features
• Closely Matched Current Transfer Ratios
• Minimum BVCEO of 70 V Guaranteed
– MOCD207M, MOCD208M, MOCD213M
• Minimum BVCEO of 30 V Guaranteed
– MOCD211M, MOCD217M
• Low LED Input Current Required for Easier Logic Interfacing
– MOCD217M
• Convenient Plastic SOIC−8 Surface Mountable Package Style, with
0.050″ Lead Spacing
• Safety and Regulatory Approvals:
– UL1577, 2,500 VACRMS for 1 Minute
– DIN−EN/IEC60747−5−5, 565 V Peak Working Insulation Voltage
• These are Pb−Free Devices

Applications
• Feedback Control Circuits
• Interfacing and Coupling Systems of Different Potentials and
Impedances
• General Purpose Switching Circuits
• Monitor and Detection Circuits




Similar Part No. - MOCD207M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOCD207M FAIRCHILD-MOCD207M Datasheet
83Kb / 6P
DUAL CHANNEL PHOTOTRANSISTOR
MOCD207M FAIRCHILD-MOCD207M Datasheet
498Kb / 8P
Dual Channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD207M FAIRCHILD-MOCD207M Datasheet
106Kb / 7P
DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD207M FAIRCHILD-MOCD207M Datasheet
498Kb / 8P
Dual Channel Phototransistor Small Outline Surface
MOCD207M FAIRCHILD-MOCD207M_06 Datasheet
498Kb / 8P
Dual Channel Phototransistor Small Outline Surface Mount Optocouplers
More results


Similar Description - MOCD207M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD205T VISHAY-ILD205T Datasheet
376Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 package
26-Oct-04
VOD205T VISHAY-VOD205T Datasheet
121Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Nov-12
ILD205T VISHAY-ILD205T_15 Datasheet
153Kb / 8P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Oct-15
ILD217T VISHAY-ILD217T Datasheet
90Kb / 4P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Jul-14
ILD213T VISHAY-ILD213T_V01 Datasheet
150Kb / 8P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Oct-15
ILD217T VISHAY-ILD217T_V01 Datasheet
87Kb / 4P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Jul-14
VOD205T VISHAY-VOD205T_V01 Datasheet
122Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Nov-12
VOD205T VISHAY-VOD205T_V02 Datasheet
122Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Nov-12
ILD205T VISHAY-ILD205T_V02 Datasheet
150Kb / 8P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Oct-15
ILD217T VISHAY-ILD217T_V02 Datasheet
88Kb / 4P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Jul-14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com