Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

61803810 Datasheet (PDF) - Lapp.

61803810 Datasheet PDF - Lapp.
Part # 61803810
Download  61803810 Download
File Size   110.21 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® COMPACT 90° M

61803810 Datasheet (PDF)

Go To PDF Page Download Datasheet
61803810 Datasheet PDF - Lapp.

Part # 61803810
Download  61803810 Click to download

File Size   110.21 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® COMPACT 90° M

61803810 Datasheet (HTML) - Lapp.


61803810 Product details

Technical Features:
Connecting thread M16x1,5 up to M63x1,5 acc. to EN 60423
Nominal wide NW 3/8” up to NW 2”
Protection class IP67 acc. to EN 60529
Depending on the used conduit
Temperature range -45°C up to +105°C




Similar Part No. - 61803810

ManufacturerPart #DatasheetDescription
logo
Lapp.
61803816 LAPP-61803816 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
61803817 LAPP-61803817 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
61803818 LAPP-61803818 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
61803819 LAPP-61803819 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
More results


Similar Description - 61803810

ManufacturerPart #DatasheetDescription
logo
Lapp.
55501110 LAPP-55501110 Datasheet
149Kb / 2P
SILVYN® KLICK 90° M
03.07.2018
55502480 LAPP-55502480 Datasheet
148Kb / 2P
SILVYN® MPC 90° M
03.07.2018
55502486 LAPP-55502486 Datasheet
113Kb / 2P
SILVYN® MPC 90°
03.07.2018
55503624 LAPP-55503624 Datasheet
116Kb / 2P
SILVYN® FCE COMPACT
03.07.2018
55507300 LAPP-55507300 Datasheet
142Kb / 2P
SILVYN® FPAX 90° M
17.05.2018
61803800 LAPP-61803800 Datasheet
99Kb / 1P
SILVYN® COMPACT M
26.11.2018
61803816 LAPP-61803816 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
61803824 LAPP-61803824 Datasheet
119Kb / 2P
SILVYN® COMPACT 90° PG
03.07.2018
61803839 LAPP-61803839 Datasheet
116Kb / 2P
SILVYN® COMPACT 90° NPT
03.07.2018
61803850 LAPP-61803850 Datasheet
110Kb / 2P
SILVYN® COMPACT 45° M
13.03.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com