Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

62200421 Datasheet (PDF) - Lapp.

62200421 Datasheet PDF - Lapp.
Part # 62200421
Download  62200421 Download
File Size   964.01 Kbytes
Page   7 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description Cable Trolley C-Rail (C30 / C40)

62200421 Datasheet (PDF)

Go To PDF Page Download Datasheet
62200421 Datasheet PDF - Lapp.

Part # 62200421
Download  62200421 Click to download

File Size   964.01 Kbytes
Page   7 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description Cable Trolley C-Rail (C30 / C40)

62200421 Datasheet (HTML) - Lapp.


62200421 Product details

Technical features
Temperature range -40°C up to +120°C
Max. Load C30: 20kg / Cable Trolley
C40: 32kg / Cable Trolley




Similar Part No. - 62200421

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
62200421121 WURTH-62200421121 Datasheet
387Kb / 6P
WR-PHD THT Straight Dual Pin Header
002.003
62200421821 WURTH-62200421821 Datasheet
247Kb / 5P
WR-PHD THT Straight Dual Socket Header
002.001
More results


Similar Description - 62200421

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301790405 MOLEX11-1301790405 Datasheet
43Kb / 1P
Trolley for 4 I-Beam, Polyurethane
logo
PHOENIX CONTACT
5053489 PHOENIX-5053489 Datasheet
34Kb / 1P
TOOL TROLLEY
5053492 PHOENIX-5053492 Datasheet
44Kb / 1P
TOOL TROLLEY HOOK
11/05/2018
5053502 PHOENIX-5053502 Datasheet
44Kb / 1P
TOOL TROLLEY DIVIDER 50
11/05/2018
5053515 PHOENIX-5053515 Datasheet
44Kb / 1P
TOOL TROLLEY DIVIDER 100
11/05/2018
5053531 PHOENIX-5053531 Datasheet
44Kb / 1P
TOOL TROLLEY ADAPTER SHEET
09/12/2020
logo
Amphenol RF.
901-1073 RF-901-1073 Datasheet
246Kb / 1P
SMA PLUG C30 CABLE GROUP RTK-031, TFC 3.3mm
Rev A
901-10735 RF-901-10735 Datasheet
314Kb / 1P
SMA JACK C30 CABLE GROUP RTK-031, TFC 3.3mm
Rev. A
901-10737 RF-901-10737 Datasheet
266Kb / 1P
SMA R/A PLUG C30 CABLE GROUP RTK-031, TFC 3.3mm
Rev. A
901-1076 RF-901-1076 Datasheet
314Kb / 1P
SMA BULKHEAD JACK C30 CABLE GROUP RTK-031, TFC 3.3mm
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com