Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

61803070 Datasheet (PDF) - Lapp.

61803070 Datasheet PDF - Lapp.
Part # 61803070
Download  61803070 Download
File Size   259.81 Kbytes
Page   4 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description Tube cable lugs KR/ KRT/ KRF

61803070 Datasheet (PDF)

Go To PDF Page Download Datasheet
61803070 Datasheet PDF - Lapp.

Part # 61803070
Download  61803070 Click to download

File Size   259.81 Kbytes
Page   4 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description Tube cable lugs KR/ KRT/ KRF

61803070 Datasheet (HTML) - Lapp.


61803070 Product details

Technical Features:
Application For stranded and multi-stranded Copper conductors (class 2, 5, and 6)
Cross section 50 up to 240mm²
Mounting hole Ø6 up to Ø16mm
Temperature range +90°C
Processing temperature 110°C, max. +140°C




Similar Part No. - 61803070

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61803725322 WURTH-61803725322 Datasheet
565Kb / 3P
WR-DSUB - METALIZED PLASTIC HOOD TOP ENTRY 4-40 SCREW
10-NOV-14 REV D
logo
Lapp.
61803800 LAPP-61803800 Datasheet
99Kb / 1P
SILVYN® COMPACT M
26.11.2018
61803801 LAPP-61803801 Datasheet
99Kb / 1P
SILVYN® COMPACT M
26.11.2018
61803802 LAPP-61803802 Datasheet
99Kb / 1P
SILVYN® COMPACT M
26.11.2018
61803803 LAPP-61803803 Datasheet
99Kb / 1P
SILVYN® COMPACT M
26.11.2018
More results


Similar Description - 61803070

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KR-1300SC ETC1-KR-1300SC Datasheet
287Kb / 1P
KR-1300SC
logo
KODENSHI_AUK CORP.
KRT-11XS14N KODENSHI-KRT-11XS14N Datasheet
357Kb / 3P
Optical Monitoring Photodiode TO CAN for KRT-11XSx4N
logo
PHOENIX CONTACT
CRIMPFOX-LC-UR-2 PHOENIX-CRIMPFOX-LC-UR-2 Datasheet
51Kb / 2P
Crimp insert for tube lugs, 0.75 - 2.5 mm짼
CRIMPFOX-LC-UR-10 PHOENIX-CRIMPFOX-LC-UR-10 Datasheet
51Kb / 2P
Crimp insert for tube lugs, 4.0 - 10.0 mm짼
CRIMPFOX-RC-10 PHOENIX-CRIMPFOX-RC-10 Datasheet
55Kb / 2P
The CRIMPFOX?멢C 10 completes the range of crimping pliers for uninsulated cable lugs and insulated tube lugs
CRIMPFOX-RC-25 PHOENIX-CRIMPFOX-RC-25 Datasheet
54Kb / 2P
CRIMPFOX?멢C 10 and ...RCT 25-1 complete the range of crimping pliers for uninsulated cable lugs and insulated tube lugs
CRIMPFOX-RCI-6-M PHOENIX-CRIMPFOX-RCI-6-M Datasheet
44Kb / 2P
Crimping pliers for cable lugs and connectors
CRIMPFOX-RCT-70-1 PHOENIX-CRIMPFOX-RCT-70-1 Datasheet
48Kb / 3P
Crimping pliers, for uninsulated tube lugs, 10 - 70 mm짼, indent crimp
logo
Hubbell Incorporated.
PREMISE_HFCH3096BKS HUBBELL-PREMISE_HFCH3096BKS Datasheet
242Kb / 1P
Outdoor Loose Tube Cable
logo
Lapp.
63104010 LAPP-63104010 Datasheet
229Kb / 3P
Insulated cable lugs
14.08.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com