Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT54FCT240CTPYB Datasheet (PDF) - Integrated Device Technology

IDT54FCT240CTPYB Datasheet PDF - Integrated Device Technology
Part # IDT54FCT240CTPYB
Download  IDT54FCT240CTPYB Download
File Size   230.11 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL BUFFER/LINE DRIVERS

IDT54FCT240CTPYB Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT54FCT240CTPYB Datasheet PDF - Integrated Device Technology

Part # IDT54FCT240CTPYB
Download  IDT54FCT240CTPYB Click to download

File Size   230.11 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL BUFFER/LINE DRIVERS

IDT54FCT240CTPYB Datasheet (HTML) - Integrated Device Technology


IDT54FCT240CTPYB Product details

FEATURES:
• Common features:
– Low input and output leakage £1mA (max.)
– CMOS power levels
– True TTL input and output compatibility
– VOH = 3.3V (typ.)
– VOL = 0.3V (typ.)
– Meets or exceeds JEDEC standard 18 specifications
– Product available in Radiation Tolerant and Radiation
Enhanced versions
– Military product compliant to MIL-STD-883, Class B
and DESC listed (dual marked)
– Available in DIP, SOIC, SSOP, QSOP, CERPACK
and LCC packages
• Features for FCT240T/FCT244T/FCT540T/FCT541T:
– Std., A, C and D speed grades
– High drive outputs (-15mA IOH, 64mA IOL)
• Features for FCT2240T/FCT2244T/FCT2541T:
– Std., A and C speed grades
– Resistor outputs (-15mA IOH, 12mA IOL Com.)
(-12mA IOH, 12mA IOL Mil.)
– Reduced system switching noise

DESCRIPTION:
The IDT octal buffer/line drivers are built using an advanced
dual metal CMOS technology. The FCT240T/FCT2240T and
FCT244T/FCT2244T are designed to be employed as memory
and address drivers, clock drivers and bus-oriented transmitter/
receivers which provide improved board density.
The FCT540T and FCT541T/FCT2541T are similar in
function to the FCT240T/FCT2240T and FCT244T/FCT2244T,
respectively, except that the inputs and outputs are on opposite
sides of the package. This pinout arrangement makes
these devices especially useful as output ports for microprocessors
and as backplane drivers, allowing ease of layout and
greater board density.
The FCT2240T, FCT2244T and FCT2541T have balanced
output drive with current limiting resistors. This offers low
ground bounce, minimal undershoot and controlled output fall
times-reducing the need for external series terminating resistors.
FCT2xxxT parts are plug-in replacements for FCTxxxT
parts.




Similar Part No. - IDT54FCT240CTPYB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT240C IDT-IDT54FCT240C Datasheet
155Kb / 8P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT54FCT240CD IDT-IDT54FCT240CD Datasheet
155Kb / 8P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT54FCT240CDB IDT-IDT54FCT240CDB Datasheet
155Kb / 8P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT54FCT240CE IDT-IDT54FCT240CE Datasheet
155Kb / 8P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT54FCT240CEB IDT-IDT54FCT240CEB Datasheet
155Kb / 8P
FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Similar Description - IDT54FCT240CTPYB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FC240T IDT-IDT74FC240T Datasheet
185Kb / 9P
FAST CMOS OCTAL BUFFER/LINE DRIVERS
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
Fast CMOS Octal Buffer/Line Drivers
PI74FCT162541 PERICOM-PI74FCT162541 Datasheet
61Kb / 6P
Fast CMOS 16-Bit Octal Buffer/Line Drivers
PI74FCT240T PERICOM-PI74FCT240T Datasheet
135Kb / 6P
Fast CMOS Octal Buffer/Line Drivers
logo
Integrated Device Techn...
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T_06 Datasheet
730Kb / 8P
Fast CMOS Octal Buffer/Line Drivers
logo
Texas Instruments
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
Octal Buffer Line Drivers
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com