Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5116B-HSOM Datasheet (PDF) - ams AG

AS5116B-HSOM Datasheet PDF - ams AG
Part # AS5116B-HSOM
Download  AS5116B-HSOM Download
File Size   1355.68 Kbytes
Page   34 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs

AS5116B-HSOM Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5116B-HSOM Datasheet PDF - ams AG

Part # AS5116B-HSOM
Download  AS5116B-HSOM Click to download

File Size   1355.68 Kbytes
Page   34 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs

AS5116B-HSOM Datasheet (HTML) - ams AG


AS5116B-HSOM Product details

Description
The AS5116 is a contactless magnetic position sensor for accurate angular measurement over a full
mechanical turn of 360°.
Based on the Hall sensor technology, this device has a robust architecture that measures the
orthogonal component of the flux density (Bz), over a full-turn rotation. To measure the angle, only a
simple two-pole magnet rotating over the center of the package is required. The magnet can be placed
above or below the device.
The absolute angle measurement provides an instant indication of the magnet’s angular position. The
angle information is provided by means of buffered differential sine and cosine voltages. The AS5116
operates at a supply voltage of 5 V or 3.3 V.

Features
Contactless angle measurement
Low output noise
Low inherent INL
Magnetic stray field immunity overachieves ISO
11452-8
Developed according to ISO26262
Fully differential buffered sine and cosine output
signals
AEC – Q100, Grade 0




Similar Part No. - AS5116B-HSOM

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5115 AMSCO-AS5115 Datasheet
1Mb / 21P
Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
AS5115-HSSP AMSCO-AS5115-HSSP Datasheet
1Mb / 21P
Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
AS5115A-HSSP AMSCO-AS5115A-HSSP Datasheet
1Mb / 21P
Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
More results


Similar Description - AS5116B-HSOM

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5215 AMSCO-AS5215 Datasheet
743Kb / 24P
Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
AS5215 AMSCO-AS5215_1 Datasheet
746Kb / 24P
Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
AS5115 AMSCO-AS5115 Datasheet
1Mb / 21P
Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
AS5215 AMSCO-AS5215_04 Datasheet
1Mb / 27P
Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
AS5047D AMSCO-AS5047D Datasheet
633Kb / 37P
14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal
AS5147 AMSCO-AS5147 Datasheet
739Kb / 35P
14-Bit On-Axis Magnetic Rotary Position Sensor
AS5247 AMSCO-AS5247 Datasheet
1Mb / 37P
14-bit Dual-die On-Axis Magnetic Rotary Position Sensor
AS5047P AMSCO-AS5047P Datasheet
539Kb / 40P
14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
AS5147P AMSCO-AS5147P Datasheet
520Kb / 40P
14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
AS5600L AMSCO-AS5600L Datasheet
1Mb / 48P
12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
2020-May-14
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com