Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012C Datasheet (PDF) - Texas Instruments

DFE252012C Datasheet PDF - Texas Instruments
Part # DFE252012C
Download  DFE252012C Download
File Size   3291.42 Kbytes
Page   63 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications

DFE252012C Datasheet (PDF)

Go To PDF Page Download Datasheet
DFE252012C Datasheet PDF - Texas Instruments

Part # DFE252012C
Download  DFE252012C Click to download

File Size   3291.42 Kbytes
Page   63 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications

DFE252012C Datasheet (HTML) - Texas Instruments


DFE252012C Product details

1 Features
• 95% efficiency at 2.3 MHz operation
• 3-μA quiescent current in low IQ pass-through
mode
• Wide VIN range from 2.3 V To 4.8 V
• IOUT ≥ 4-A (Peak) at VOUT = 3.35 V, VIN ≥ 2.65 V
• Integrated pass-through mode (35 mΩ)
• Programmable valley inductor current limit and
output voltage
• True pass-through mode during shutdown
• Best-in-class line and load transient
• Low-ripple light-load PFM mode
• In-Situ customization with On-Chip E2PROM (write
protection)
• Two interface options:
– I2C compatible I/F up to 3.4 Mbps
(TPS61280D/E)
– Simple I/O logic control interface
• Thermal shutdown and overload protection
• Total solution size < 20 mm2, sub 1-mm profile

2 Applications
• Single-cell Ni-Rich, Si-Anode, Li-Ion, LiFePO4
smart-phones or tablet PCs
• 2.5G, 3G, 4G mini-module data cards
• Current limited applications featuring high peak
power loads

3 Description
The TPS6128xD/E device provides a power supply
solution for products powered by either by a Li-Ion,
Nickel-Rich, Silicon Anode, Li-Ion or LiFePO4 battery.
The voltage range is optimized for single-cell portable
applications like in smart-phones or tablet PCs.
Used as a high-power pre-regulator, the
TPS6128xD/E extends the battery run-time and
overcomes input current- and voltage limitations of the
powered system.
While in shutdown, the TPS6128xD/E operates in
a true pass-through mode with only 3-μA quiescent
consumption for longest battery shelf life.
During operation, when the battery is at a good stateof-
charge, a low-ohmic, high-efficient integrated passthrough
path connects the battery to the powered
system.
If the battery gets to a lower state of charge and
its voltage becomes lower than the desired minimum
system voltage, the device seamlessly transits into
boost mode to uses the full battery capacity.




Similar Part No. - DFE252012C

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE252012C TOKO-DFE252012C Datasheet
80Kb / 1P
Metal Alloy Inductors
logo
MagnaChip Semiconductor...
DFE252012C MGCHIP-DFE252012C Datasheet
1Mb / 17P
Dual Output LCD Bias IC
logo
Murata Manufacturing Co...
DFE252012C MURATA-DFE252012C Datasheet
217Kb / 1P
The use of Flat wire for Low DC resistance
logo
Richtek Technology Corp...
DFE252012C-4R7N RICHTEK-DFE252012C-4R7N Datasheet
559Kb / 11P
DC-DC Boost Converter for PWM Controller
December 2021
logo
TOKO, Inc
DFE252012C TOKO-DFE252012C_16 Datasheet
224Kb / 1P
Metal Alloy Inductors
More results


Similar Description - DFE252012C

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3888 FUJITSU-MB3888 Datasheet
421Kb / 30P
DC/DC Converter IC for Charging Li-ion Battery
logo
Intersil Corporation
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
Multi-Cell Li-ion Battery Pack Analog Front-End
July 3, 2008
logo
Texas Instruments
TPS61280 TI1-TPS61280 Datasheet
2Mb / 58P
Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280 TI-TPS61280_15 Datasheet
2Mb / 55P
TPS6128x Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280A TI-TPS61280A_15 Datasheet
2Mb / 54P
TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280A TI1-TPS61280A_16 Datasheet
2Mb / 54P
TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
logo
Anpec Electronics Corop...
APW7281 ANPEC-APW7281 Datasheet
296Kb / 23P
Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
logo
Texas Instruments
TPS61280D TI1-TPS61280D Datasheet
2Mb / 57P
Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
logo
Renesas Technology Corp
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Texas Instruments
TPS61280D TI1-TPS61280D_18 Datasheet
2Mb / 57P
Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com