Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLS0201MA Datasheet (PDF) - CUI Devices

CLS0201MA Datasheet PDF - CUI Devices
Part # CLS0201MA
Download  CLS0201MA Download
File Size   518.21 Kbytes
Page   3 Pages
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices
Description SPEAKER

CLS0201MA Datasheet (PDF)

Go To PDF Page Download Datasheet
CLS0201MA Datasheet PDF - CUI Devices

Part # CLS0201MA
Download  CLS0201MA Click to download

File Size   518.21 Kbytes
Page   3 Pages
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices
Description SPEAKER

CLS0201MA Datasheet (HTML) - CUI Devices


CLS0201MA Product details

FEATURES
• 20 mm
• round frame
• 0.5 W
• 8 Ω
• neodymium magnet
• PET cone




Similar Part No. - CLS0201MA

ManufacturerPart #DatasheetDescription
logo
CUI INC
CLS0201MA CUI-CLS0201MA Datasheet
785Kb / 2P
LOW PROFILE SPEAKER
CLS0201MA-L152 CUI-CLS0201MA-L152 Datasheet
186Kb / 2P
LOW PROFILE SPEAKER
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
logo
CUI Devices
CLS0201MA-L152 CUID-CLS0201MA-L152 Datasheet
517Kb / 3P
SPEAKER
08/05/2022
More results


Similar Description - CLS0201MA

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com