Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN2300UFL4Q Datasheet (PDF) - Diodes Incorporated

DMN2300UFL4Q Datasheet PDF - Diodes Incorporated
Part # DMN2300UFL4Q
Download  DMN2300UFL4Q Download
File Size   576.32 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET

DMN2300UFL4Q Datasheet (PDF)

Go To PDF Page Download Datasheet
DMN2300UFL4Q Datasheet PDF - Diodes Incorporated

Part # DMN2300UFL4Q
Download  DMN2300UFL4Q Click to download

File Size   576.32 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET

DMN2300UFL4Q Datasheet (HTML) - Diodes Incorporated


DMN2300UFL4Q Product details

Features
 Footprint of Just 1.3mm2
 Ultra Low Profile Package — 0.4mm Profile
 On Resistance <200mΩ
 Low Gate Threshold Voltage
 Fast Switching Speed
 Ultra-Small Surface Mount Package
 ESD Protected Gate
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The DMN2300UFL4Q is suitable for automotive applications
requiring specific change control and is AEC-Q101 qualified,
is PPAP capable, and is manufactured in IATF16949:2016
certified facilities.




Similar Part No. - DMN2300UFL4Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2300UFL4 DIODES-DMN2300UFL4 Datasheet
236Kb / 7P
Ultra-Small Surface Mount Package
Rev 2
DMN2300UFL4 DIODES-DMN2300UFL4 Datasheet
467Kb / 7P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMN2300UFL4-7 DIODES-DMN2300UFL4-7 Datasheet
236Kb / 7P
Ultra-Small Surface Mount Package
Rev 2
DMN2300UFL4-7 DIODES-DMN2300UFL4-7 Datasheet
467Kb / 7P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMN2300UFL4 DIODES-DMN2300UFL4_15 Datasheet
236Kb / 7P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results


Similar Description - DMN2300UFL4Q

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8 Datasheet
56Kb / 4P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2AM832 ZETEX-ZXMN2AM832 Datasheet
204Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8_04 Datasheet
176Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM9966DCX6 TSC-TSM9966DCX6 Datasheet
156Kb / 4P
20V Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMD63N02X DIODES-ZXMD63N02X Datasheet
162Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A04DN8 DIODES-ZXMN2A04DN8 Datasheet
185Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2004
ZXMN2AMC DIODES-ZXMN2AMC Datasheet
656Kb / 8P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMN2029USD DIODES-DMN2029USD_15 Datasheet
264Kb / 6P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMD63N02X DIODES-ZXMD63N02X_15 Datasheet
265Kb / 8P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN2300UFL4 DIODES-DMN2300UFL4_17 Datasheet
467Kb / 7P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com