Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9970 Datasheet (PDF) - Analog Devices

AD9970 Datasheet PDF - Analog Devices
Part # AD9970
Download  AD9970 Download
File Size   66.85 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit CCD Signal Processor with Precision Timing Generator

AD9970 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9970 Datasheet PDF - Analog Devices

Part # AD9970
Download  AD9970 Click to download

File Size   66.85 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit CCD Signal Processor with Precision Timing Generator

AD9970 Datasheet (HTML) - Analog Devices


AD9970 Product details

GENERAL DESCRIPTION

The AD9970 is a highly integrated CCD signal processor for high speed digital video camera applications. Specified at pixel rates of up to 65 MHz, the AD9970 consists of a complete analog front end with analog-to-digital conversion combined with a programmable timing driver. The Precision Timing core allows

adjustment of high speed clocks with 240 ps resolution at 65 MHz operation. The AD9970 also contains a reduced range LVDS interface for data outputs.



FEATURES

1.8 V analog and digital core supply voltage

Serial data link with reduced range LVDS outputs

Correlated double sampler (CDS) with −3 dB, 0 dB, +3 dB, and +6 dB gain

6 dB to 42 dB, 10-bit variable gain amplifier (VGA)

14-bit, 65 MHz ADC

Black level clamp with variable level control

Complete on-chip timing generator

Precision Timing core with 240 ps resolution @ 65 MHz

On-chip, 3 V horizontal and RG drivers

5 mm × 5 mm, 32-lead LFCSP_VQ



APPLICATIONS

Professional HDTV camcorders

Professional/high end digital cameras

Broadcast cameras

Industrial high speed cameras

High speed data acquisition systems




Similar Part No. - AD9970

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9970 AD-AD9970_09 Datasheet
75Kb / 2P
14-Bit CCD Signal Processor with Precision Timing??Generator
Rev. SpB
AD9970 AD-AD9970_15 Datasheet
73Kb / 2P
14-Bit CCD Signal Processor with Precision
Rev. SpD
More results


Similar Description - AD9970

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9929 AD-AD9929 Datasheet
558Kb / 64P
CCD Signal Processor with Precision Timing Generator
2/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9992 AD-AD9992 Datasheet
775Kb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
10/07-Rev. B to Rev. C
AD9898 AD-AD9898 Datasheet
518Kb / 52P
CCD Signal Processor with Precision Timing??Generator
REV.0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
CCD Signal Processor with Precision Timing??Generator
REV.0
AD9970 AD-AD9970_09 Datasheet
75Kb / 2P
14-Bit CCD Signal Processor with Precision Timing??Generator
Rev. SpB
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
CCD Signal Processor with Precision Timing Generator
REV. A
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com