Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1624344 Datasheet (PDF) - PHOENIX CONTACT

1624344 Datasheet PDF - PHOENIX CONTACT
Part # 1624344
Download  1624344 Download
File Size   652.53 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-8ESC58AH000S - Device connector, rear mounting

1624344 Datasheet (PDF)

Go To PDF Page Download Datasheet
1624344 Datasheet PDF - PHOENIX CONTACT

Part # 1624344
Download  1624344 Click to download

File Size   652.53 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-8ESC58AH000S - Device connector, rear mounting

1624344 Datasheet (HTML) - PHOENIX CONTACT


1624344 Product details

M23, Device connector, rear mounting, series: SH, straight, shielded: yes, for standard and
SPEEDCON interlock, No. of pos.: 4+4+4+PE / 3+N+PE, Direction of rotation: Standard, contact
connection type: Socket, Crimp connection, Flat gasket, Central fastening M26 x 1, Panel
thickness min.: 1.5 mm, Panel thickness max.: 5 mm, coding: N

Your advantages
• Transmission of signals, data, and power in just a single connector
• CAT5 data interface for up to 100 Mbps
• Safe use in the field, thanks to high degree of protection
• Consistent EMC protection for reliable connection solutions in the industrial environment




Similar Part No. - 1624344

ManufacturerPart #DatasheetDescription
logo
Heyco.
16243 HEYCO-16243 Datasheet
150Kb / 2P
Hook and Loop – Ties
logo
PHOENIX CONTACT
1624301 PHOENIX-1624301 Datasheet
239Kb / 5P
CA-09S2N1280DN - Cable connector
1624335 PHOENIX-1624335 Datasheet
242Kb / 5P
CA-19S1N1280DUS - Cable connector
logo
Tyco Electronics
1624338-2 MACOM-1624338-2 Datasheet
111Kb / 1P
Temperature Sensing Chip Resistor
logo
Weidmuller
1624370000 WEIDMULLER-1624370000 Datasheet
85Kb / 3P
SL 7.62/2/90B3.2SN OR
More results


Similar Description - 1624344

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419771 PHOENIX-1419771 Datasheet
455Kb / 11P
SACC-DSI-M12FS-4CON-M16 SH - Device connector, rear mounting
1419768 PHOENIX-1419768 Datasheet
504Kb / 11P
SACC-DSI-M12MS-4CON-M16 SH - Device connector, rear mounting
1441891 PHOENIX-1441891 Datasheet
1Mb / 12P
SACC-DSI-M12FS-5CON-M16 SH - Device connector, rear mounting
1441930 PHOENIX-1441930 Datasheet
518Kb / 12P
SACC-DSI-M12FS-8CON-M16 SH - Device connector, rear mounting
1441943 PHOENIX-1441943 Datasheet
528Kb / 12P
SACC-DSI-M12MS-12CON-M16 SH - Device connector, rear mounting
1441956 PHOENIX-1441956 Datasheet
529Kb / 13P
SACC-DSI-M12FS-12CON-M16 SH - Device connector, rear mounting
1441972 PHOENIX-1441972 Datasheet
517Kb / 11P
SACC-DSI-M12FS-17CON-M16 SH - Device connector, rear mounting
1441969 PHOENIX-1441969 Datasheet
530Kb / 11P
SACC-DSI-M12MS-17CON-M16 SH - Device connector, rear mounting
1627206 PHOENIX-1627206 Datasheet
592Kb / 15P
SH-8EPS48AH000S - Device connector, rear mounting
1627205 PHOENIX-1627205 Datasheet
637Kb / 16P
SH-8EPC58AH000S - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com