Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD8279 Datasheet (PDF) - NEC

UPD8279 Datasheet PDF - NEC
Part # UPD8279
Download  UPD8279 Download
File Size   530.9 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description PROGRAMMABLE KEYBOARD/DISPLAY INTERFACE

UPD8279 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD8279 Datasheet PDF - NEC

Part # UPD8279
Download  UPD8279 Click to download

File Size   530.9 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description PROGRAMMABLE KEYBOARD/DISPLAY INTERFACE

UPD8279 Datasheet (HTML) - NEC


UPD8279 Product details

Features
Programmable by processor
32 hex or 16 alphanumeric displays
64 expandable to 128 keyboard
Simultaneous keyboard and display
8 character keyboard - FIFO
2 key lockout or N key rollover
Contact debounce
Programmable scan timer
Interrupt on key entry
Single 十 5 V 土 10% power supply
Fully compatible with 8080A, 8085A, APD780
(Z80)




Similar Part No. - UPD8279

ManufacturerPart #DatasheetDescription
logo
NEC
UPD8279C NEC-UPD8279C Datasheet
478Kb / 8P
PROGRAMMABLE KEYBOARD DISPLAY INTERFACE
UPD8279C-2 NEC-UPD8279C-2 Datasheet
478Kb / 8P
PROGRAMMABLE KEYBOARD DISPLAY INTERFACE
UPD8279C-5 NEC-UPD8279C-5 Datasheet
478Kb / 8P
PROGRAMMABLE KEYBOARD DISPLAY INTERFACE
More results


Similar Description - UPD8279

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP82C79 TOSHIBA-TMP82C79 Datasheet
991Kb / 44P
PROGRAMMABLE KEYBOARD / DISPLAY INTERFACE
logo
Intel Corporation
8278 INTEL-8278 Datasheet
460Kb / 10P
PROGRAMMABLE KEYBOARD INTERFACE
8279 INTEL-8279 Datasheet
978Kb / 16P
PROGRAMMABLE KEYBOARD / DISPLAY INTERFACE
logo
NEC
UPD8279C-2 NEC-UPD8279C-2 Datasheet
478Kb / 8P
PROGRAMMABLE KEYBOARD DISPLAY INTERFACE
logo
List of Unclassifed Man...
C8279 ETC1-C8279 Datasheet
228Kb / 4P
Programmable Keyboard Display Interface Megafunction
logo
California Micro Device...
PACKBME CALMIRCO-PACKBME Datasheet
136Kb / 5P
KEYBOARD/MOUSE PORT INTERFACE
logo
Texas Instruments
SN65LVDS305 TI-SN65LVDS305 Datasheet
712Kb / 25P
PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
logo
Mitsubishi Electric Sem...
M5L8279P-5 MITSUBISHI-M5L8279P-5 Datasheet
1,000Kb / 13P
PROGRAMMABLE KEYBOARD/DISPLAY INTERFACE
logo
Texas Instruments
SN65LVDS303 TI-SN65LVDS303 Datasheet
883Kb / 30P
PROGRAMMABLE 27-BIT DISPLAY SERIAL-INTERFACE TRANSMITTER
SN65LVDS311 TI1-SN65LVDS311 Datasheet
1Mb / 32P
PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com