Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOCR36330 Datasheet (PDF) - Alpha & Omega Semiconductors

AOCR36330 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOCR36330
Download  AOCR36330 Download
File Size   413.9 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Common-Drain Dual N-Channel MOSFET

AOCR36330 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOCR36330 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOCR36330
Download  AOCR36330 Click to download

File Size   413.9 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Common-Drain Dual N-Channel MOSFET

AOCR36330 Datasheet (HTML) - Alpha & Omega Semiconductors


AOCR36330 Product details

General Description
• Trench Power MOSFET technology• Low RSS(ON)• Common drain configuration for design simplicity• Advantage RigidCSP packge• RoHS and Halogen-Free Compliant

Applications
• Battery protection switch• Mobile device battery charging and discharging




Similar Part No. - AOCR36330

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOCR32326 AOSMD-AOCR32326 Datasheet
632Kb / 6P
30V Common-Drain Dual N-Channel MOSFET
Rev.1.0: July 2019
More results


Similar Description - AOCR36330

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GF6968A GE-GF6968A Datasheet
152Kb / 5P
Common-Drain Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOC3868 AOSMD-AOC3868 Datasheet
366Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3870 AOSMD-AOC3870 Datasheet
438Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AON5816 AOSMD-AON5816 Datasheet
401Kb / 6P
20V Common-Drain Dual N-Channel MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PKE24DB NIKOSEM-PKE24DB Datasheet
309Kb / 6P
Dual Common Drain N-Channel MOSFET
logo
Wuxi U-NIKC Semiconduct...
PB554DY UNIKC-PB554DY Datasheet
462Kb / 5P
Dual Common Drain N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOCA24106C AOSMD-AOCA24106C Datasheet
554Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: April 2020
AOCA32107E AOSMD-AOCA32107E Datasheet
500Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: February 2020
AOCA32301 AOSMD-AOCA32301 Datasheet
549Kb / 5P
30V Common-Drain Dual N-Channel MOSFET
Rev.1.0: July 2020
AOCR32326 AOSMD-AOCR32326 Datasheet
632Kb / 6P
30V Common-Drain Dual N-Channel MOSFET
Rev.1.0: July 2019
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com