Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5302 Datasheet (PDF) - Micrel Semiconductor

MIC5302 Datasheet PDF - Micrel Semiconductor
Part # MIC5302
Download  MIC5302 Download
File Size   354.13 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA ULDO in Ultra Small 1.2mm x 1.6mm Thin MLF

MIC5302 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5302 Datasheet PDF - Micrel Semiconductor

Part # MIC5302
Download  MIC5302 Click to download

File Size   354.13 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA ULDO in Ultra Small 1.2mm x 1.6mm Thin MLF

MIC5302 Datasheet (HTML) - Micrel Semiconductor


MIC5302 Product details

General Description
The MIC5302 is an ultra-small, ultra-low dropout CMOS regulator, ULDO™ that is ideal for today’s most demanding portable applications including cellular phone RF power, camera modules, imaging sensors for digital still and video cameras, PDAs, portable media players (PMP) and PC cameras where board space is limited. It offers extremely-low dropout voltage, very-low output noise and can operate from a 2.3V to 5.5V input while delivering up to 150mA.

Features
• Ultra-small 1.2mm x 1.6mm Thin MLF® package
• Low dropout voltage: 50mV at 150mA
• Output noise 120µVrms
• Input voltage range: 2.3V to 5.5V
• 150mA guaranteed output current
• Stable with ceramic output capacitors
• Low quiescent current 85µA total
• 35µs turn-on time
• High output accuracy
    – ±2% initial accuracy
    – ±3% over temperature
• Thermal-shutdown and current-limit protection

Applications
• Mobile Phones
• PDAs
• GPS Receivers
• Portable Media Players
• Portable Electronics
• Digital Still & Video Cameras




Similar Part No. - MIC5302

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5302-1.3YMT MICREL-MIC5302-1.3YMT Datasheet
354Kb / 8P
150mA ULDO in Ultra-Small 1.2mm x 1.6mm Thin MLF
MIC5302-1.5YMT MICREL-MIC5302-1.5YMT Datasheet
354Kb / 8P
150mA ULDO in Ultra-Small 1.2mm x 1.6mm Thin MLF
MIC5302-1.8YMT MICREL-MIC5302-1.8YMT Datasheet
354Kb / 8P
150mA ULDO in Ultra-Small 1.2mm x 1.6mm Thin MLF
MIC5302-2.1YMT MICREL-MIC5302-2.1YMT Datasheet
354Kb / 8P
150mA ULDO in Ultra-Small 1.2mm x 1.6mm Thin MLF
MIC5302-2.5YMT MICREL-MIC5302-2.5YMT Datasheet
354Kb / 8P
150mA ULDO in Ultra-Small 1.2mm x 1.6mm Thin MLF
More results


Similar Description - MIC5302

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5302 MICREL-MIC5302_10 Datasheet
354Kb / 8P
150mA ULDO in Ultra-Small 1.2mm x 1.6mm Thin MLF
MIC5370 MICREL-MIC5370_11 Datasheet
346Kb / 13P
High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
logo
LUMEX INC.
SML-LX0605SISUGCTR LUMEX-SML-LX0605SISUGCTR Datasheet
63Kb / 1P
1.6mm X 1.2mm Ultra Thin Surface Mount Led
SML-LX0605SYSUGC-A LUMEX-SML-LX0605SYSUGC-A Datasheet
281Kb / 2P
1.6mm X 1.2mm Ultra Thin Surface Mount Led
SML-LX0605SYSUGCTR LUMEX-SML-LX0605SYSUGCTR Datasheet
99Kb / 1P
1.6mm X 1.2mm Ultra Thin Surface Mount Led
SML-LX0606GGC-TR LUMEX-SML-LX0606GGC-TR Datasheet
128Kb / 1P
1.6mm X 1.2mm Ultra Thin Surface Mount Led
SML-LXFT1206SRC-TR LUMEX-SML-LXFT1206SRC-TR_17 Datasheet
92Kb / 1P
3.2mm X 1.6mm Ultra Thin SMT LED
SML-LXFT1206SYC-TR LUMEX-SML-LXFT1206SYC-TR_17 Datasheet
92Kb / 1P
3.2mm X 1.6mm Ultra Thin SMT LED
SML-LXFT1206YD-TR LUMEX-SML-LXFT1206YD-TR_17 Datasheet
92Kb / 1P
3.2mm X 1.6mm Ultra Thin SMT LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com