Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E111YCGR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TUSB2E111YCGR Datasheet PDF - Texas Instruments
Part # TUSB2E111YCGR
Download  TUSB2E111YCGR Download
File Size   1639.88 Kbytes
Page   58 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TUSB2E11 USB 2.0-eUSB2 Repeater

TUSB2E111YCGR Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB2E111YCGR Datasheet PDF - Texas Instruments

Part # TUSB2E111YCGR
Download  TUSB2E111YCGR Click to download

File Size   1639.88 Kbytes
Page   58 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TUSB2E11 USB 2.0-eUSB2 Repeater

TUSB2E111YCGR Datasheet (HTML) - Texas Instruments


TUSB2E111YCGR Product details

1 Features
• USB 2.0 and eUSB2 (rev 1.2) compliant
• Low-speed, full-speed, high-speed signaling
• Best-in-class high-speed total jitter of 20 ps
• Register access protocol receptor capable
• Host and device mode (dual-role device) support
• Auto detection for I2C or strap-pin options
– Three strap-pins for USB 2.0 high-speed
channel compensation settings
– I2C device interface for more configurations
• Device variants
– eUSB2 1.0-V or 1.2-V signaling interface
– eUSB2 trace loss compensation levels for
different product form-factors
– 1.2-V or 1.8-V I2C interface
• Optional battery charging and detection support
– BC 1.2 CDP or DCP divider mode advertising
– Data-aware USB Type-C™ compatible BC 1.2
SDP, CDP, and DCP divider mode detection
– Dual-role auto switching between charger
advertising or detection
• CTA-936 USB Carkit UART support
• Supports auto-resume ECR as well as L2 interrupt
resume mode
• Optional GPIOs: interrupt GPIO2, debug, I2C ↔
GPIO0/1
• I2C accessible debug capabilities for
manufacturing tests

2 Applications
• Notebooks and desktops
• Cell phones
• Tablets
• Wearables
• Portable electronics

3 Description
TUSB2E11 is a USB compliant eUSB2 to USB 2.0
repeater supporting both device and host modes.
The device supports USB low-speed (LS), full-speed
(FS) signals, and high-speed (HS) signals.
The device has multiple patented designs to provide
robust interoperability, optimum performance, and
power.
For systems without an I2C interface, the device offers
eight individual settings with three strap-pins for USB
2.0 channel Equivalent Series Resistance (ESR) up to
20 Ω. Device variants are available for different levels
of eUSB2 trace length compensation up to 10 inches.
The I2C interface permits additional flexibility for fine
tuning of device RX equalization and TX amplitude,
slew rate and pre-emphasis to pass electrical
compliance tests and compensate for channel loss.
Various debug options are available through the 3
GPIO pins that can be configured to monitor various
USB bus states or interrupt as well as CTA-936 UART
mode that can provide SoC debug capabilities. GPIO0
and GPIO1 can be used as general purpose I2C to
GPIOs bridge.




Similar Part No. - TUSB2E111YCGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2E111YCGR TI-TUSB2E111YCGR Datasheet
1Mb / 58P
TUSB2E11 USB 2.0-eUSB2 Repeater
REVISED JUNE 2022
More results


Similar Description - TUSB2E111YCGR

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
614108247221 WURTH-614108247221 Datasheet
609Kb / 2P
WR-USB 2.0 HORIZONTAL DUAL-WAY USB 2.0
logo
Rosenberger Hochfrequen...
L99-987-800 ROSENBERGER-L99-987-800 Datasheet
880Kb / 2P
USB 2.0 A MALE TO USB 2.0 MINI USB
logo
Tripp Lite. All Rights ...
U042-025 TRIPPLITE-U042-025 Datasheet
175Kb / 2P
USB 2.0 A/B Active Repeater Cable (M/M), 25-ft.
U042-030 TRIPPLITE-U042-030 Datasheet
167Kb / 3P
USB 2.0 A/B Active Repeater Cable (M/M), 30 ft.
U042-036 TRIPPLITE-U042-036 Datasheet
176Kb / 2P
USB 2.0 A/B Active Repeater Cable (M/M), 36-ft.
U026-10M TRIPPLITE-U026-10M Datasheet
174Kb / 2P
USB 2.0 Active Extension Repeater Cable (A M/F), 10M (33-ft.)
U026-15M TRIPPLITE-U026-15M Datasheet
169Kb / 3P
USB 2.0 Active Extension Repeater Cable (USB-A M/F), 15 m (49 ft.)
logo
Texas Instruments
TUSB2E22 TI1-TUSB2E22 Datasheet
583Kb / 26P
TUSB2E22 eUSB2-USB 2.0 Dual Repeater
TUSB2E11 TI-TUSB2E11 Datasheet
1Mb / 58P
TUSB2E11 USB 2.0-eUSB2 Repeater
REVISED JUNE 2022
TUSB2E22 TI1-TUSB2E22_V01 Datasheet
1Mb / 30P
TUSB2E22 eUSB2-USB 2.0 Dual Repeater
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com