Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOD8342R2 Datasheet (PDF) - ON Semiconductor

FOD8342R2 Datasheet PDF - ON Semiconductor
Part # FOD8342R2
Download  FOD8342R2 Download
File Size   361.84 Kbytes
Page   21 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin

FOD8342R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FOD8342R2 Datasheet PDF - ON Semiconductor

Part # FOD8342R2
Download  FOD8342R2 Click to download

File Size   361.84 Kbytes
Page   21 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin

FOD8342R2 Datasheet (HTML) - ON Semiconductor


FOD8342R2 Product details

Description
The FOD8342 series is a 3.0 A output current gate drive
optocoupler, capable of driving medium−power IGBT/ MOSFETs. It
is ideally suited for fast−switching driving of power IGBT
and MOSFET used in motor−control inverter applications,
and high−performance power systems.
The FOD8342 series utilizes stretched body package to achieve
8 mm creepage and clearance distances (FOD8342T), and optimized
IC design to achieve reliably high−insulation voltage and high−noise
immunity.
The FOD8342 series consists of an Aluminum Gallium Arsenide
(AlGaAs) Light−Emitting Diode (LED) optically coupled
to an integrated circuit with a high−speed driver for push−pull
MOSFET output stage. The device is housed in a stretched body,
6−pin, small outline, plastic package.

Features
• FOD8342T − 8 mm Creepage and Clearance Distance, and 0.4 mm
Insulation Distance to Achieve Reliable and High−Voltage Insulation
• 3.0 A Peak Output Current Driving Capability
for Medium− Power IGBT/MOSFET
♦ Use of P−Channel MOSFETs at Output Stage
Enables Output Voltage Swing Close to Supply Rail
• 20 kV/s Minimum Common Mode Rejection
• Wide Supply Voltage Range: 10 V to 30 V
• Fast Switching Speed Over Full Operating Temperature Range
♦ 210 ns Maximum Propagation Delay
♦ 65 ns Maximum Pulse Width Distortion
• Under−Voltage Lockout (UVLO) with Hysteresis
• Extended Industrial Temperate Range: −40°C to 100°C
• Safety and Regulatory Approvals:
♦ UL1577, 5,000 VRMS for 1 Minute
♦ DIN EN/IEC60747−5−5, 1,140V Peak Working Insulation Voltage

Applications
• AC and Brushless DC Motor Drives
• Industrial Inverter
• Uninterruptible Power Supply
• Induction Heating
• Isolated IGBT/Power MOSFET Gate Drive




Similar Part No. - FOD8342R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8342R2 ONSEMI-FOD8342R2 Datasheet
444Kb / 21P
3.0 A Output Current, High Speed Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD8342R2V ONSEMI-FOD8342R2V Datasheet
444Kb / 21P
3.0 A Output Current, High Speed Gate Drive Optocoupler
March 2016 Rev. 1.1
More results


Similar Description - FOD8342R2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8321 FAIRCHILD-FOD8321 Datasheet
2Mb / 19P
2.5A Output Current, Gate Drive Optocoupler in Optoplanar 짰 Wide Body SOP 5-Pin
FOD8321R2 FAIRCHILD-FOD8321R2 Datasheet
2Mb / 19P
2.5A Output Current, Gate Drive Optocoupler in Optoplanar Wide Body SOP 5-Pin
logo
Broadcom Corporation.
ACNT-H313 BOARDCOM-ACNT-H313 Datasheet
1Mb / 16P
2.5 A Output Current IGBT Gate Drive Optocoupler in 15 mm Stretched SO8 Package
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342 Datasheet
444Kb / 21P
3.0 A Output Current, High Speed Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD8343 ONSEMI-FOD8343 Datasheet
704Kb / 20P
4.0 A Output Current, High Speed Gate Drive Optocoupler
May 2017 Rev. 1.0
logo
Broadcom Corporation.
ACPL-P341 BOARDCOM-ACPL-P341 Datasheet
781Kb / 19P
3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
logo
ON Semiconductor
FOD8163T ONSEMI-FOD8163T Datasheet
408Kb / 15P
3.3 V / 5 V, 10 Mbit/sec, Logic Gate Optocoupler in Stretched Body SOP 6-Pin
March 2016 Rev. 1.1
FOD8173 ONSEMI-FOD8173 Datasheet
336Kb / 12P
3.3 V/5 V, 20 Mbit/sec, Logic Gate Optocoupler in Stretched Body SOP 6-Pin
August, 2018 ??Rev.1
FOD8384 ONSEMI-FOD8384 Datasheet
219Kb / 16P
2.5 A Output Current, High-Speed, MOSFET/IGBT Gate Drive Optocoupler in OPTOPLANAR Wide-Body SOP 5-Pin
July, 2023 - Rev. 2
FOD8343 ONSEMI-FOD8343_V01 Datasheet
348Kb / 17P
4.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com