Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ5273QI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ5273QI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ5273QI
Download  AOZ5273QI Download
File Size   1417.75 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description High-Current, High-Performance Smart Power Stage

AOZ5273QI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ5273QI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ5273QI
Download  AOZ5273QI Click to download

File Size   1417.75 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description High-Current, High-Performance Smart Power Stage

AOZ5273QI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ5273QI Product details

General Description
The AOZ5273QI is a general-purpose Smart Power
Stage (SPS) consisting of two asymmetrical MOSFETs
and an integrated driver for high current, high frequency
DC-DC converters.
The AOZ5273QI provides an output voltage signal
(IMON), which represents the real-time module current
with a gain of 5mV/A. The IMON signal can be directly
used to replace inductor DCR sensing or resistor sensing
in multiphase voltage regulator systems without the need
for temperature compensation.
The AOZ5273QI also includes an accurate module
temperature monitor (TMON). TMON is a voltage
sourced signal with a gain of 8mV/°C.
The MOSFETs are individually optimized for operation in
the synchronous buck configuration. The High-Side (HS)
MOSFET is optimized to achieve low capacitance and
gate charge for fast switching with low duty cycle
operation. The Low-Side (LS) MOSFET has ultra-low ON
resistance to minimize conduction loss. The standard
5mm x 6mm QFN package is optimally designed to
minimize parasitic inductance for minimal EMI signature.

Features
 3V to 20V power supply range
 30V HS MOSFET provides better system ruggedness
 70A continuous output current
– Up to 100A for 10ms on pulse
– Up to 150A for 10μs on pulse
 Optimized for switching frequency up to 1MHz
 Integrated current monitor (5mV/A) with 5% accuracy
over temperature
 Integrated temperature monitor (8mV/°C) with 2%
accuracy
 Fault Indicator
 Under-Voltage LockOut (UVLO) on VCC
 Under-Voltage LockOut (UVLO) on VIN
 High-Side MOSFET Over-Current and Short-Circuit
Protection
 Zero Current Detect Function (ZCD)
 Over Temperature Protection (OTP)
 Standard QFN5x6-39L package

Applications
 Server systems
 High end CPU/GPU power stage
 Communications Infrastructure




Similar Part No. - AOZ5273QI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ52371QI AOSMD-AOZ52371QI Datasheet
447Kb / 6P
High-Current, High-Performance Smart Power Stage
Rev. 1.0 June 2022
More results


Similar Description - AOZ5273QI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC778A VISHAY-SIC778A Datasheet
719Kb / 13P
High Performance DrMOS ??Integrated Power Stage
21-May-12
logo
Texas Instruments
UCD74111 TI-UCD74111 Datasheet
843Kb / 22P
High-Current, Synchronous Buck Power Stage
UCD74120 TI-UCD74120 Datasheet
876Kb / 22P
High-Current, Synchronous Buck Power Stage
logo
Infineon Technologies A...
BTS555-E3146 INFINEON-BTS555-E3146 Datasheet
296Kb / 16P
Smart Highside High Current Power Switch
2010-June-01
logo
ON Semiconductor
FDMF8811 ONSEMI-FDMF8811 Datasheet
1Mb / 19P
High Performance 100V Bridge Power Stage Module
March 2017 - Rev. P0
FDMF2011 ONSEMI-FDMF2011 Datasheet
769Kb / 31P
High Performance 100V Smart Power Stage Module
September 2016 Rev.1.0
FDMF4061 ONSEMI-FDMF4061 Datasheet
1Mb / 32P
High Performance 60V Smart Power Stage Module
September 2016 Rev.1.0
logo
Vishay Siliconix
SIC778A VISHAY-SIC778A_V01 Datasheet
728Kb / 13P
High Performance DrMOS – Integrated Power Stage
21-May-12
logo
Alpha & Omega Semicondu...
AOZ52371QI AOSMD-AOZ52371QI Datasheet
447Kb / 6P
High-Current, High-Performance Smart Power Stage
Rev. 1.0 June 2022
AOZ5473QE AOSMD-AOZ5473QE Datasheet
1Mb / 17P
80A High-Performance Smart Power Stage (SPS)
Rev. 1.0 July 2020
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com