Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB2170332 Datasheet (PDF) - Lapp.

DB2170332 Datasheet PDF - Lapp.
Part # DB2170332
Download  DB2170332 Download
File Size   73.05 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description UNITRONIC BUS PB TORSION 1x2x0,8

DB2170332 Datasheet (PDF)

Go To PDF Page Download Datasheet
DB2170332 Datasheet PDF - Lapp.

Part # DB2170332
Download  DB2170332 Click to download

File Size   73.05 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description UNITRONIC BUS PB TORSION 1x2x0,8

DB2170332 Datasheet (HTML) - Lapp.


DB2170332 Product details

Application
UNITRONIC BUS PB TORSION is a halogen free and flame retardant fieldbus cable, for example for SIEMENS SIMATIC® NET
(acc. to DIN 19245 and EN 50170) and FIP-Fieldbus (Factory Instrumentation Protocol) systems.
The fieldbus cable is designed for transmission rates of 12 Mbit/s (100 m), 1.5 Mbit/s (200 m), 500 kbit/s (400 m),
187.5 kbit/s (1000m) and 93.74 kbit/s (1200 m).
The transmission characteristics are conform to the system and guarantee a high operating security during the data transmission.
The cable is designed for applications with torsional stress of ± 180°/m.
Due to ist double screening it is suitable for installation in electromagnetically demanding areas.




Similar Part No. - DB2170332

ManufacturerPart #DatasheetDescription
logo
Lapp.
DB2170207 LAPP-DB2170207 Datasheet
71Kb / 2P
UBITRONIC BUS IBS Yv
30.10.2015
More results


Similar Description - DB2170332

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170220 LAPP-2170220 Datasheet
174Kb / 2P
UNITRONIC® BUS PB 1x2x0.64
01.01.2019
2170222 LAPP-2170222 Datasheet
184Kb / 2P
UNITRONIC® BUS PB FD P 1x2x0,64
01.01.2019
2170236 LAPP-2170236 Datasheet
175Kb / 2P
UNITRONIC® BUS PB YY 1x2x0,64
01.01.2019
2170223 LAPP-2170223 Datasheet
175Kb / 2P
UNITRONIC® BUS PB Yv 1x2x0,64
01.01.2019
2170620 LAPP-2170620 Datasheet
179Kb / 2P
UNITRONIC® BUS PB ROBUST
01.01.2019
2170630 LAPP-2170630 Datasheet
181Kb / 2P
UNITRONIC® BUS PB 105
01.01.2019
2170822 LAPP-2170822 Datasheet
178Kb / 2P
UNITRONIC BUS PB FD P A
01.01.2019
2170856 LAPP-2170856 Datasheet
181Kb / 2P
UNITRONIC® BUS PB TRAY
01.01.2019
2170996 LAPP-2170996 Datasheet
68Kb / 1P
UNITRONIC® BUS PB FRNC FC
01.02.2019
DB3031981 LAPP-DB3031981 Datasheet
66Kb / 1P
UNITRONIC BUS PB HEAT 180 1x2x0,64
25.03.2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com