Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2696B Datasheet (PDF) - MPS Industries, Inc.

MP2696B Datasheet PDF - MPS Industries, Inc.
Part # MP2696B
Download  MP2696B Download
File Size   1347.1 Kbytes
Page   34 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description I2C-Controlled, Single-Cell Switching Charger with Power-Path Management,Boost Output, and 3.5A Input Current Limit

MP2696B Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2696B Datasheet PDF - MPS Industries, Inc.

Part # MP2696B
Download  MP2696B Click to download

File Size   1347.1 Kbytes
Page   34 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description I2C-Controlled, Single-Cell Switching Charger with Power-Path Management,Boost Output, and 3.5A Input Current Limit

MP2696B Datasheet (HTML) - MPS Industries, Inc.


MP2696B Product details

DESCRIPTION
The MP2696B is a highly integrated, flexible,
switch-mode, battery-charging, power-path
management device designed for a single-cell
Li-ion and Li-polymer battery. This device can
be used in a wide range of portable applications.
The MP2696B integrates three battery-charging
phases: pre-charge, constant current charge,
and constant voltage charge. This device also
manages the input power source through input
current limit regulation and minimum input
voltage regulation.
The MP2696B can switch to boost mode to
generate the system power output from the
battery.
The MP2696B has an integrated IN to SYS
pass-through path to pass the input voltage to
the system.
Using an I2C interface, the host can flexibly
configure the charge and boost parameters.
The device operating status can also be read in
the registers.
Safety features include SYS short-circuit
protection (SCP), input over-voltage protection
(OVP), battery under-voltage protection (UVP),
thermal shutdown, and JEITA battery
temperature monitoring.
The MP2696B is available in a QFN-21
(3mmx3mm) package.

FEATURES
 4.0V to 11V Operating Voltage Range
 Up to 16V Sustainable Input Voltage
 500mA to 3.6A Configurable Charge
Current
 3.6V to 4.45V Configurable Charge
Regulation Voltage with ±0.5% Accuracy
 500mA to 3.5A Configurable Input Current
Limit with ±10% Accuracy
 Minimum Input Voltage Loop for Maximum
Adapter Power Tracking
 Ultra-Low 25μA Battery Discharge Current
in Idle Mode
 Boost Converter with Up to 4.0A of Output
Current:
o Configurable Output Current Limit Loop
o Configurable Boost Output Voltage
o USB Output Cable Compensation
o Configurable Inductor Peak Current
Limiting
 Comprehensive Safety Features:
o Fully Customizable JEITA Profile with
Configurable Temperature Threshold
o Charge Safety Timer
o Input Over-Voltage Protection (OVP)
o Thermal Shutdown
o SYS Over-Current (OC) and Short-
Circuit Protection (SCP)
 Analog Voltage Output IB Pin for Battery
Current Monitoring
 SYS Plug-In Detection
 SYS No Load Detection
 SYS DP/DM Interface for BC1.2 and Non-
Standard Adapters
 Status and Fault Monitoring
 Available in a QFN-21 (3mmx3mm)
Package

APPLICATIONS
 Sub-Battery Applications
 Power Bank Applications for Smartphones,
Tablets, and Other Portable Devices




Similar Part No. - MP2696B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2696AGQ-0000 MPS-MP2696AGQ-0000 Datasheet
814Kb / 9P
I2C Controlled, Single-Cell Switching Charger with Power-Path Management Charger with Power-Path Management
6/17/2020 Rev. 1.0
More results


Similar Description - MP2696B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
logo
Monolithic Power System...
MP2633 MPS-MP2633 Datasheet
928Kb / 33P
1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2635 MPS-MP2635 Datasheet
1Mb / 33P
2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
logo
SiGe Semiconductor, Inc...
AATIAN92 SIGE-AATIAN92 Datasheet
351Kb / 7P
Power Path with Input Current Limit and Capacitor Charger
logo
Monolithic Power System...
MP2633A MPS-MP2633A Datasheet
1Mb / 33P
1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2635A MPS-MP2635A Datasheet
1Mb / 33P
2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
logo
Texas Instruments
BQ25638 TI-BQ25638 Datasheet
776Kb / 12P
BQ25638 I2C Controlled, 5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and USB OTG Boost Output
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com