Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4480 Datasheet (PDF) - MPS Industries, Inc.

MPQ4480 Datasheet PDF - MPS Industries, Inc.
Part # MPQ4480
Download  MPQ4480 Download
File Size   637.49 Kbytes
Page   22 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified

MPQ4480 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ4480 Datasheet PDF - MPS Industries, Inc.

Part # MPQ4480
Download  MPQ4480 Click to download

File Size   637.49 Kbytes
Page   22 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified

MPQ4480 Datasheet (HTML) - MPS Industries, Inc.


MPQ4480 Product details

DESCRIPTION
The MPQ4480 is a high-frequency,
synchronous rectified, step-down, switch-mode
converter. It achieves 6A output current over a
wide input-supply range with excellent load and
line regulation over a wide input supply range.
The MPQ4480 has synchronous mode
operation for higher efficiency over the output
load range.
Fault condition protection includes hiccup
current limiting, OVP, and thermal shutdown
(TSD).
The MPQ4480 requires a minimal number of
readily available, standard external components.
The MPQ4480 is available in a QFN-25
(4mmx5mm) package.

FEATURES
 4.2V to 36V Operating Input Voltage
Range
 6A Output Current
 Internal Auto EN Pull-Up
 20mΩ/15mΩ Low RDS(ON) Internal Buck
Power MOSFETs
 Integrated 4mΩ Ground Sensing Resistor
 Frequency Adjustable (235kHz to 2.2MHz)
 CC Output Current Limit, 3-Level
Adjustable, 2.75A/3.75A/7.5A
 Forced PWM Mode
 Frequency SYNC from 300kHz to 2.1MHz
 (Recommend: <25% of SYNC Duty Cycle)
 Spread Spectrum Option with 450kHz fSW
 EN Shutdown Discharge
 Low Dropout Mode
 Battery Short to Ground Protect Driver
 Output Over-Voltage Protection
 Adjustable Line Drop Compensation
 Support 1V to 20V Output Adjustable
 Available in a QFN-25 (4mmx5mm)
Package with Wettable Flanks
 Available in AEC-Q100 Grade 1

APPLICATIONS
 Automotive Infotainment System
 Automotive USB Hub
 Wireless Charging




Similar Part No. - MPQ4480

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4485 MPS-MPQ4485 Datasheet
863Kb / 22P
36V, 6A, Step-Down Converter with Dual USB Charging Ports Supporting Type-C 5V 3A DFP Mode and BC1.2 CDP Mode for Automotive, AEC-Q100 Qualified
MPQ4485GU-AEC1 MPS-MPQ4485GU-AEC1 Datasheet
863Kb / 22P
36V, 6A, Step-Down Converter with Dual USB Charging Ports Supporting Type-C 5V 3A DFP Mode and BC1.2 CDP Mode for Automotive, AEC-Q100 Qualified
MPQ4485GU-LS-AEC1 MPS-MPQ4485GU-LS-AEC1 Datasheet
863Kb / 22P
36V, 6A, Step-Down Converter with Dual USB Charging Ports Supporting Type-C 5V 3A DFP Mode and BC1.2 CDP Mode for Automotive, AEC-Q100 Qualified
MPQ4487 MPS-MPQ4487 Datasheet
1,021Kb / 24P
36V, 6A, Step-Down Converter with Programmable Frequency and Spread Spectrum Option, Dual USB Charging Ports Supporting EN, Fault Indication, and Type-C 5V 3A DFP Mode for Automotive, AEC-Q100 Qualified
MPQ4487GU-AEC1 MPS-MPQ4487GU-AEC1 Datasheet
1,021Kb / 24P
36V, 6A, Step-Down Converter with Programmable Frequency and Spread Spectrum Option, Dual USB Charging Ports Supporting EN, Fault Indication, and Type-C 5V 3A DFP Mode for Automotive, AEC-Q100 Qualified
More results


Similar Description - MPQ4480

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2451 MPS-MPQ2451 Datasheet
449Kb / 16P
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4462 MPS-MPQ4462 Datasheet
620Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4462-AEC1 MPS-MPQ4462-AEC1 Datasheet
925Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ2451-AEC1 MPS-MPQ2451-AEC1 Datasheet
896Kb / 16P
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ2451-5-AEC1 MPS-MPQ2451-5-AEC1 Datasheet
1Mb / 18P
36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
logo
MPS Industries, Inc.
MPQ9842 MPSIND-MPQ9842 Datasheet
2Mb / 37P
36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
Rev. 1.1 7/29/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com